Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM7128AETC100-10 Datasheet(PDF) 3 Page - Altera Corporation

Part # EPM7128AETC100-10
Description  High-performance 3.3-V EEPROM-based programmable logic devices (PLDs) built on second-generation Multiple Array MatriX
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7128AETC100-10 Datasheet(HTML) 3 Page - Altera Corporation

  EPM7128AETC100-10 Datasheet HTML 1Page - Altera Corporation EPM7128AETC100-10 Datasheet HTML 2Page - Altera Corporation EPM7128AETC100-10 Datasheet HTML 3Page - Altera Corporation EPM7128AETC100-10 Datasheet HTML 4Page - Altera Corporation EPM7128AETC100-10 Datasheet HTML 5Page - Altera Corporation EPM7128AETC100-10 Datasheet HTML 6Page - Altera Corporation EPM7128AETC100-10 Datasheet HTML 7Page - Altera Corporation EPM7128AETC100-10 Datasheet HTML 8Page - Altera Corporation EPM7128AETC100-10 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
Altera Corporation
3
MAX 7000A Programmable Logic Device Data Sheet
Software design support and automatic place-and-route provided by
Altera’s development systems for Windows-based PCs and Sun
SPARCstation, and HP 9000 Series 700/800 workstations
Additional design entry and simulation support provided by EDIF
2 0 0 and 3 0 0 netlist files, library of parameterized modules (LPM),
Verilog HDL, VHDL, and other interfaces to popular EDA tools from
manufacturers such as Cadence, Exemplar Logic, Mentor Graphics,
OrCAD, Synopsys, Synplicity, and VeriBest
Programming support with Altera’s Master Programming Unit
(MPU), MasterBlasterTM serial/universal serial bus (USB)
communications cable, ByteBlasterMVTM parallel port download
cable, and BitBlasterTM serial download cable, as well as
programming hardware from third-party manufacturers and any
JamTM STAPL File (.jam), Jam Byte-Code File (.jbc), or Serial Vector
Format File- (.svf) capable in-circuit tester
General
Description
MAX 7000A (including MAX 7000AE) devices are high-density, high-
performance devices based on Altera’s second-generation MAX
architecture. Fabricated with advanced CMOS technology, the EEPROM-
based MAX 7000A devices operate with a 3.3-V supply voltage and
provide 600 to 10,000 usable gates, ISP, pin-to-pin delays as fast as 4.5 ns,
and counter speeds of up to 227.3 MHz. MAX 7000A devices in the -4, -5,
-6, -7, and some -10 speed grades are compatible with the timing
requirements for 33 MHz operation of the PCI Special Interest Group (PCI
SIG) PCI Local Bus Specification, Revision 2.2. See Table 2.
Table 2. MAX 7000A Speed Grades
Device
Speed Grade
-4
-5
-6
-7
-10
-12
EPM7032AE
vv
v
EPM7064AE
vv
v
EPM7128A
vvvv
EPM7128AE
vv
v
EPM7256A
vvvv
EPM7256AE
vv
v
EPM7512AE
vvv


Similar Part No. - EPM7128AETC100-10

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128AETC100-5N ALTERA-EPM7128AETC100-5N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7128AETC100-7N ALTERA-EPM7128AETC100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results

Similar Description - EPM7128AETC100-10

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7256AETI100-7 ALTERA-EPM7256AETI100-7 Datasheet
1,007Kb / 64P
   High-performance 3.3-V EEPROM-based programmable logic devices (PLDs) built on second-generation Multiple Array MatriX
EPM7192SQC160-15 ALTERA-EPM7192SQC160-15 Datasheet
1Mb / 66P
   High-performance, EEPROM-based programmable logic devices PLDs) based on second-generation MAX architecture
logo
Xilinx, Inc
XC7300FM XILINX-XC7300FM Datasheet
119Kb / 10P
   High-performance Erasable Programmable Logic Devices
logo
ATMEL Corporation
ATF15XXAE ATMEL-ATF15XXAE Datasheet
1Mb / 76P
   2nd Generation EE Complex Programmable Logic Devices
logo
NXP Semiconductors
CBTL06GP213 NXP-CBTL06GP213 Datasheet
289Kb / 19P
   Second-generation high performance general purpose switch
Rev. 3.1 ??13 December 2016
logo
Texas Instruments
TIBPAL22V10C TI-TIBPAL22V10C Datasheet
158Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22VP10-20C TI-TIBPAL22VP10-20C Datasheet
211Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-XE PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-5C TI1-TIBPAL22V10-5C Datasheet
171Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-XLE PROGRAMMABLE ARRAY LOGIC CIRCUIT
logo
Cypress Semiconductor
CY7C346B-35NC CYPRESS-CY7C346B-35NC Datasheet
87Kb / 6P
   Multiple Array Matrix High-Density EPLDs
logo
Texas Instruments
TIBPAL22V10-10C TI-TIBPAL22V10-10C Datasheet
147Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com