Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL33091A Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # IL33091A
Description  Powerful High-grade FET driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL33091A Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  IL33091A Datasheet HTML 1Page - IK Semicon Co., Ltd IL33091A Datasheet HTML 2Page - IK Semicon Co., Ltd IL33091A Datasheet HTML 3Page - IK Semicon Co., Ltd IL33091A Datasheet HTML 4Page - IK Semicon Co., Ltd IL33091A Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
2011, February, Rev. 01
Powerful High-grade FET driver
Description of basic functions.
The capability of handling high voltages on power line attributed to
transient commutation of loads in conditions of automobile
exploitation.
Load of microcircuit is a device on the base of MOS transistors that
enables switching high current levels in automobile electrical
system. Microcircuit has Fault indication output when there is short
circuit in load or when load transistor current level exceeds preset
value.
Functions
Microcircuit provides pumping of charge (on output capacity on pin Gate of gate control)to drive
power MOS transistor. Input Input , compatible with logic levels of CMOS microcircuits ,controls
pumping of charge (switch in/switch off).
Check of drain-sou
rce voltage is implemented (VDS) on power МОS transistor, detection of
shorted load , presentation of error signal on pin Fault.
Microcircuit has pin VT of timer, that is both input in timer window comparators and output of
current square circuit, depending on r m s voltage drain-source on power MOS transistor, as power
dissipated in МОS device is proportional to VDS2.
External resistor RT and capacitor CT, connected to timer pin enable programming of timing data
necessary for protection of power MOS-device.
Internal circuit of stabilizer diodes with the total break down voltage of about 30V provides
protection of microcircuit and power МОS transistor from supply voltage value to be exceeded.
Activation of microcircuit Zener stabilizer diodes attributed to switching-
off МОS transistor for the
time when supply voltage value exceeded , in addition pin Fault does not change its logic state .
ORDERING INFORMATION
IL33091AN Plastic
IL33091AD
SOIC
TA = -40° to 125° C
for all packages.
IL33091A


Similar Part No. - IL33091A

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL33091A IKSEMICON-IL33091A Datasheet
224Kb / 5P
   Powerful High-grade FET driver
logo
Integral Corp.
IL33091AD INTEGRAL-IL33091AD Datasheet
143Kb / 5P
   Powerful High-grade FET driver
logo
IK Semicon Co., Ltd
IL33091AD IKSEMICON-IL33091AD Datasheet
224Kb / 5P
   Powerful High-grade FET driver
logo
Integral Corp.
IL33091AN INTEGRAL-IL33091AN Datasheet
143Kb / 5P
   Powerful High-grade FET driver
logo
IK Semicon Co., Ltd
IL33091AN IKSEMICON-IL33091AN Datasheet
224Kb / 5P
   Powerful High-grade FET driver
More results

Similar Description - IL33091A

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL33091A IKSEMICON-IL33091A_16 Datasheet
316Kb / 5P
   Powerful High-grade FET driver
logo
Integral Corp.
IL33091AN INTEGRAL-IL33091AN Datasheet
143Kb / 5P
   Powerful High-grade FET driver
logo
KODENSHI_AUK CORP.
KK33091A KODENSHI-KK33091A Datasheet
232Kb / 5P
   Powerful High-grade FET driver
logo
IK Semicon Co., Ltd
IL33091A IKSEMICON-IL33091A Datasheet
224Kb / 5P
   Powerful High-grade FET driver
logo
Texas Instruments
UC1710 TI-UC1710 Datasheet
72Kb / 4P
[Old version datasheet]   High Current FET Driver
UC1710 TI1-UC1710_15 Datasheet
101Kb / 7P
[Old version datasheet]   High Current FET Driver
UC1710 TI1-UC1710_11 Datasheet
104Kb / 6P
[Old version datasheet]   High Current FET Driver
UC1710 TI-UC1710_V01 Datasheet
253Kb / 9P
[Old version datasheet]   High Current FET Driver
logo
List of Unclassifed Man...
N567GXXX ETC2-N567GXXX Datasheet
638Kb / 15P
   powerful microcontroller
logo
Texas Instruments
UC1709 TI-UC1709 Datasheet
178Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com