Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM3128ATC100-5N Datasheet(PDF) 4 Page - Altera Corporation

Part # EPM3128ATC100-5N
Description  High?뱎erformance, low?밹ost CMOS EEPROM?밷ased programmable
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM3128ATC100-5N Datasheet(HTML) 4 Page - Altera Corporation

  EPM3128ATC100-5N Datasheet HTML 1Page - Altera Corporation EPM3128ATC100-5N Datasheet HTML 2Page - Altera Corporation EPM3128ATC100-5N Datasheet HTML 3Page - Altera Corporation EPM3128ATC100-5N Datasheet HTML 4Page - Altera Corporation EPM3128ATC100-5N Datasheet HTML 5Page - Altera Corporation EPM3128ATC100-5N Datasheet HTML 6Page - Altera Corporation EPM3128ATC100-5N Datasheet HTML 7Page - Altera Corporation EPM3128ATC100-5N Datasheet HTML 8Page - Altera Corporation EPM3128ATC100-5N Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
4
Altera Corporation
MAX 3000A Programmable Logic Device Family Data Sheet
MAX 3000A devices contain 32 to 512 macrocells, combined into groups
of 16 macrocells called logic array blocks (LABs). Each macrocell has a
programmable–AND/fixed–OR array and a configurable register with
independently programmable clock, clock enable, clear, and preset
functions. To build complex logic functions, each macrocell can be
supplemented with shareable expander and high–speed parallel
expander product terms to provide up to 32 product terms per macrocell.
MAX 3000A devices provide programmable speed/power optimization.
Speed–critical portions of a design can run at high speed/full power,
while the remaining portions run at reduced speed/low power. This
speed/power optimization feature enables the designer to configure one
or more macrocells to operate at 50% or lower power while adding only a
nominal timing delay. MAX 3000A devices also provide an option that
reduces the slew rate of the output buffers, minimizing noise transients
when non–speed–critical signals are switching. The output drivers of all
MAX 3000A devices can be set for 2.5 V or 3.3 V, and all input pins are
2.5–V, 3.3–V, and 5.0-V tolerant, allowing MAX 3000A devices to be used
in mixed–voltage systems.
MAX 3000A devices are supported by Altera development systems,
which are integrated packages that offer schematic, text—including
VHDL, Verilog HDL, and the Altera Hardware Description Language
(AHDL)—and waveform design entry, compilation and logic synthesis,
simulation and timing analysis, and device programming. The software
provides EDIF 2 0 0 and 3 0 0, LPM, VHDL, Verilog HDL, and other
interfaces for additional design entry and simulation support from other
industry–standard PC– and UNIX–workstation–based EDA tools. The
software runs on Windows–based PCs, as well as Sun SPARCstation, and
HP 9000 Series 700/800 workstations.
f For more information on development tools, see the MAX+PLUS II
Programmable Logic Development System & Software Data Sheet and the
Quartus Programmable Logic Development System & Software Data Sheet.
Functional
Description
The MAX 3000A architecture includes the following elements:
Logic array blocks (LABs)
Macrocells
Expander product terms (shareable and parallel)
Programmable interconnect array (PIA)
I/O control blocks
The MAX 3000A architecture includes four dedicated inputs that can be
used as general–purpose inputs or as high–speed, global control signals
(clock, clear, and two output enable signals) for each macrocell and I/O
pin. Figure 1 shows the architecture of MAX 3000A devices.


Similar Part No. - EPM3128ATC100-5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM3128ATC100-5N ALTERA-EPM3128ATC100-5N Datasheet
715Kb / 46P
   Programmable Logic Device Family
More results

Similar Description - EPM3128ATC100-5N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3104A ETC2-H3104A Datasheet
293Kb / 5P
   CMOS EEPROM
logo
NEC
UPD28C04 NEC-UPD28C04 Datasheet
220Kb / 9P
   CMOS EEPROM
logo
ATMEL Corporation
ATAM893-D ATMEL-ATAM893-D_14 Datasheet
1Mb / 98P
   EEPROM Programmable Options
logo
List of Unclassifed Man...
HI3104A ETC2-HI3104A Datasheet
293Kb / 5P
   CMOS EEPROM
logo
EUROQUARTZ limited
EMEM8003 EUROQUARTZ-EMEM8003 Datasheet
272Kb / 5P
   Programmable Low Power Precision CMOS
EMEM8004 EUROQUARTZ-EMEM8004 Datasheet
273Kb / 5P
   Programmable Low Power Precision CMOS
logo
Micrel Semiconductor
DSC8002 MICREL-DSC8002 Datasheet
620Kb / 8P
   Programmable Low-Power CMOS Oscillator
logo
Texas Instruments
LMK61E2 TI1-LMK61E2_16 Datasheet
1Mb / 55P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
logo
Integrated Device Techn...
IDT5V49EE902 IDT-IDT5V49EE902 Datasheet
372Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com