Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL44608 Datasheet(PDF) 11 Page - IK Semicon Co., Ltd

Part # IL44608
Description  External Components Reliable and Flexible SMPS Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL44608 Datasheet(HTML) 11 Page - IK Semicon Co., Ltd

Back Button IL44608 Datasheet HTML 5Page - IK Semicon Co., Ltd IL44608 Datasheet HTML 6Page - IK Semicon Co., Ltd IL44608 Datasheet HTML 7Page - IK Semicon Co., Ltd IL44608 Datasheet HTML 8Page - IK Semicon Co., Ltd IL44608 Datasheet HTML 9Page - IK Semicon Co., Ltd IL44608 Datasheet HTML 10Page - IK Semicon Co., Ltd IL44608 Datasheet HTML 11Page - IK Semicon Co., Ltd IL44608 Datasheet HTML 12Page - IK Semicon Co., Ltd IL44608 Datasheet HTML 13Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
IL44608N
2011, February, Rev. 01
Figure 9. Output Switching Speed
Figure 10. Frequency Stability
The data in Figure 9 corresponds to the waveform in Figure 10. The Figure 10 shows VCC, ICC, Isense (pin 2) and Vout
(pin 5). Vout (pin 5) in fact shows the envelope of the output switching pulses. This mode corresponds to an overload con-
dition.
The secondary reconfiguration is activated by the mP through the switch. The dV/dt appearing on the high voltage
winding (pins 14 of the transformer) at every TMOS switch off, produces a current spike through the series RC network R7,
C17. According to the switch position this spike is either absorbed by the ground (switch closed) or flows into the thyristor
gate (switch open) thus firing the MCR22–6. The closed position of the switch corresponds to the Pulsed Mode activation.
In this secondary side SMPS status the high voltage winding (12–14) is connected through D12 and DZ1 to the 8.0 V low
voltage secondary rail. The voltages
The Figure 11 shows the SMPS behavior while working in the reconfigured mode. The top curve represents the VCC vol-
tage (pin 6 of the IL44608). The middle curve represents the 8.0 V rail. The regulation is taking place at 11.68 V. On the
bottom curve the pin 2 voltage is shown. This voltage represents the current sense signal. The pin 2 applied to the secondary
windings 12–14, 10–11 and 6–7 (Vaux) are thus divided by ratio N12–14 / N9–8 (number of turns of the winding 12–14
over number of turns of the winding 9–8). In this reconfigured status all the secondary voltages are lowered except the 8.0
V one. The regulation during every pulsed or burst is performed by the zener diode DZ3 which value has to be chosen high-
er than the normal mode regulation level. This working mode creates a voltage ripple on the 8.0 V rail which generally must
be post regulated for the microProcessor supply. voltage is the result of the 200 mA current source activated during the
start–up phase and also during the working phase which flows through the R4 resistor. The used high resolution mode of the
oscilloscope does not allow to show the effective ton current flowing in the sensing resistor R11.
Figure 11. SMPS Pulsed Mode


Similar Part No. - IL44608

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL44608N IKSEMICON-IL44608N Datasheet
498Kb / 13P
   External Components Reliable and Flexible SMPS Controller
IL44608N100 IKSEMICON-IL44608N100 Datasheet
498Kb / 13P
   External Components Reliable and Flexible SMPS Controller
IL44608N100 IKSEMICON-IL44608N100 Datasheet
712Kb / 13P
   External Components Reliable and Flexible SMPS Controller
IL44608N40 IKSEMICON-IL44608N40 Datasheet
498Kb / 13P
   External Components Reliable and Flexible SMPS Controller
IL44608N40 IKSEMICON-IL44608N40 Datasheet
712Kb / 13P
   External Components Reliable and Flexible SMPS Controller
More results

Similar Description - IL44608

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL44608N IKSEMICON-IL44608N_16 Datasheet
712Kb / 13P
   External Components Reliable and Flexible SMPS Controller
IL44608N IKSEMICON-IL44608N Datasheet
498Kb / 13P
   External Components Reliable and Flexible SMPS Controller
logo
ON Semiconductor
MC44608 ONSEMI-MC44608_06 Datasheet
248Kb / 15P
   Few External Components Reliable and Flexible SMPS Controller
May, 2006 ??Rev. 8
MC44608 ONSEMI-MC44608 Datasheet
266Kb / 16P
   Few External Components Reliable Flexible GreenLine Very High Voltage PWM Controller
January, 2000 ??Rev. 2
logo
Maxim Integrated Produc...
MAX17245 MAXIM-MAX17245 Datasheet
1Mb / 17P
   Eliminates External Components and Reduces
Rev 0; 4/16
MAX17244 MAXIM-MAX17244 Datasheet
1Mb / 18P
   Eliminates External Components and Reduces
Rev 0; 4/16
logo
Sanken electric
SPF8033J SANKEN-SPF8033J Datasheet
208Kb / 1P
   External components
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
[Old version datasheet]   No External Components
logo
IXYS Corporation
CPC5712 IXYS-CPC5712 Datasheet
233Kb / 11P
   Minimum External Components
logo
IK Semicon Co., Ltd
ILA7052N IKSEMICON-ILA7052N Datasheet
149Kb / 3P
   No external components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com