Electronic Components Datasheet Search |
|
FML18A223A000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
FML18A223A000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 3 page D-44 APEM www.apem.com D FM series Snap-in rocker switches - panel cut-out 19 x 13 (.750 x .508) Single pole - illuminated • Lens : PC • Contacts : silver • Terminals : silver plated • Lamp terminal : no plating • Fluorescent lamp for blue or green lens, neon lamp for other colours • Panel cut-out : • Approved ratings : VDE : 10(4)A 250VAC T85°C - UL : 6A 250VAC & 125VAC T65°C • LED types available : 3,3V (4V max.) 10mA LED (resistor to be series connected by the user) 5V or 12V LED with integrated resistor • Initial contact resistance : 20mΩ max. • Insulation resistance : 1.000 MΩ min. at 500VDC • Dielectric strength : 2.500 Vrms between terminals • Electrical life at full load : 10 000 cycles • Operating temperature: - 20°C to + 85°C • Case, frame and rocker : PA6/6 Panel thickness 0,75 to 1,25 mm 1,25 to 2 mm 2 to 3 mm Dim. Y 19,2 +0/-0,1 19,4 +0/-0,1 19,8 +0/-0,1 Dim. Z 12,9 +0,15/-0 12,9 +0,15/-0 12,9 +0,15/-0 FM L 1 8 A SERIES Contacts A Silver Lamp A 220V neon B 220V fluor. C 110V neon D 110V fluor. LED 3,3V 10mA E Blue F Red/green G Green H Yellow J White K Red L Orange No resistor** LED 5V N Green P Yellow Q Red LED 12V T Green U Yellow V Red Electr. function 1 ON - OFF Rocker L Illumin. concave Terminals 8 Quick-connect Frame colour 2 Black Others : on request. Rocker colour 1 Blue 2 Black (std) 3 Green 4 Grey 5 Yellow 6 Red (std) 7 Ivory 7/1 White 9 Orange Lens colour 1 Blue * 3 Green * 5 Yellow 6 Red 8 Translucent 9 Orange * w. fluorescent lamp Marking * 000 None 001 0 * Colour of marking : white for black rockers - black for other colours - Other : on request. ** Resistor value = supply voltage - LED forward voltage LED forward current AUTRES OPTIONS : voir Guide de Codification sur page ci- Illuminated switches - quick-connect terminals FML1 ON - OFF 21.00 9.30 0.80 7.00 12.80 7.00 18.80 3 2 1 1 32 (.827) (.740) (.275) (.275) (.031) Y (.504) (.366) For LED models, terminal 2 = cathode (-), terminal 3 = anode (+) 08-Serie FM-A_07-Serie FM-A 21/11/12 17:49 Page44 |
Similar Part No. - FML18A223A000 |
|
Similar Description - FML18A223A000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |