Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC100A40 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # DC100A40
Description  panel mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DC100A40 Datasheet(HTML) 1 Page - Crydom Inc.,

  DC100A40 Datasheet HTML 1Page - Crydom Inc., DC100A40 Datasheet HTML 2Page - Crydom Inc., DC100A40 Datasheet HTML 3Page - Crydom Inc., DC100A40 Datasheet HTML 4Page - Crydom Inc., DC100A40 Datasheet HTML 5Page - Crydom Inc., DC100A40 Datasheet HTML 6Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PowerPlus DC
• Optically Isolated MOSFET output
• Ratings from 10A to 100A @ 72 VDC
• AC and DC control
• Relays are easily paralleled for higher-current applications
• LED Status Indicator
• Optional IP20 Cover
• UL Recognized, CE and RoHS Compliant
• PWM to 1K Hz
PRODUCT SELECTION
Control Voltage
10A
20A
40A
60A
80A
100A
4-32 VDC
DC100D10
DC100D20
DC100D40
DC100D60
DC100D80
DC100D100
90-140 VAC
DC100A10
DC100A20
DC100A40
DC100A60
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description
10A
20A
40A
60A
80A
100A
Operating Voltage [Vdc] (2)
1-72 VDC
1-72 VDC
1-72 VDC
1-72 VDC
7-72 VDC
7-72 VDC
Blocking Voltage
100
100
100
100
100
100
Rated Load Current [Adc] (3)
10
20
40
60
80
100
Minimum Load Current [mA] (4)
2.5
2.5
2.5
2.5
2.5
2.5
Maximum Surge Current [Adc] (10ms)
66
91
136
167
215
272
Maximum On-State Voltage Drop @ Rated Current [Vdc]
0.32
0.34
0.6
00.6
0.72
0.56
Maximum Off-State Leakage Current @ Rated Voltage [mA]
0.15
0.15
0.15
0.15
0.15
0.15
Thermal Resistance Junction to Case (Rjc) [°C/W]
1.44
0.85
0.78
0.58
0.55
0.42
Maximum On-State Resistance @ Rated Current [RDS-ON][mOhms]
32
17
15
10
9
5.6
Maximum PWM [Hz] (5)
1K
1K
900
900
700
700


Similar Part No. - DC100A40

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DC100A40CH CRYDOM-DC100A40CH Datasheet
1,013Kb / 6P
   Optically Isolated MOSFET output
More results

Similar Description - DC100A40

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
   PANEL MOUNT
H16WD6025 CRYDOM-H16WD6025_13 Datasheet
740Kb / 7P
   panel mount
CMD2425 CRYDOM-CMD2425_11 Datasheet
580Kb / 5P
   Panel Mount
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
   Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
   Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
   Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
   Panel Mount
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
   panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
   panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
   panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
   panel mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com