Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66306 Datasheet(PDF) 6 Page - EPCOS

Part # B66306
Description  Ferrites and accessories
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66306 Datasheet(HTML) 6 Page - EPCOS

Back Button B66306 Datasheet HTML 2Page - EPCOS B66306 Datasheet HTML 3Page - EPCOS B66306 Datasheet HTML 4Page - EPCOS B66306 Datasheet HTML 5Page - EPCOS B66306 Datasheet HTML 6Page - EPCOS B66306 Datasheet HTML 7Page - EPCOS B66306 Datasheet HTML 8Page - EPCOS B66306 Datasheet HTML 9Page - EPCOS B66306 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Cover plate
Material:
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Sumika Super E4008® E54705 (M), SUMITOMO CHEMICAL CO LTD
For stamping and for improved processing on assembly machines
See under SMD coil former for material and resistance to soldering heat
Ordering code
Cover plate
B66414A7000X000
B66414
Accessories
E 13/7/4 (EF 12.6)


Similar Part No. - B66306

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66306 EPCOS-B66306 Datasheet
214Kb / 9P
   Ferrites and accessories
B66306-C1010-T1 EPCOS-B66306-C1010-T1 Datasheet
127Kb / 8P
   E/ELP Cores
B66306-C1010-T2 EPCOS-B66306-C1010-T2 Datasheet
127Kb / 8P
   E/ELP Cores
B66306C1010T001 EPCOS-B66306C1010T001 Datasheet
214Kb / 9P
   Ferrites and accessories
B66306C1010T001 EPCOS-B66306C1010T001 Datasheet
465Kb / 9P
   EF coil formers
More results

Similar Description - B66306

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com