Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT2E.300 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MCT2E.300
Description  PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT2E.300 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MCT2E.300 Datasheet HTML 1Page - Fairchild Semiconductor MCT2E.300 Datasheet HTML 2Page - Fairchild Semiconductor MCT2E.300 Datasheet HTML 3Page - Fairchild Semiconductor MCT2E.300 Datasheet HTML 4Page - Fairchild Semiconductor MCT2E.300 Datasheet HTML 5Page - Fairchild Semiconductor MCT2E.300 Datasheet HTML 6Page - Fairchild Semiconductor MCT2E.300 Datasheet HTML 7Page - Fairchild Semiconductor MCT2E.300 Datasheet HTML 8Page - Fairchild Semiconductor MCT2E.300 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
6/15/05
Page 5 of 15
© 2005 Fairchild Semiconductor Corporation
MCT2
MCT2E
MCT210
MCT271
MCT2200
MCT2201
MCT2202
PHOTOTRANSISTOR OPTOCOUPLERS
** Typical values at TA = 25°C
Note
* Typical values at TA = 25°C
TRANSFER CHARACTERISTICS (Cont.)
AC Characteristic
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
Saturated turn-on time
(IF = 16 mA, RL = 1.9kΩ, VCC = 5 V)
(Fig. 20)
ton
MCT271
1.0
µs
Saturated turn-off time
(Approximates a typical
TTL interface)
toff
48
Saturated turn-on time
(IF = 16 mA, RL = 4.7kΩ, VCC = 5 V)
(Fig. 20)
ton
1.0
Saturated turn-off time
(Approximates a typical
low power TTL interface)
toff
98
Saturated rise time
(IF = 16 mA, RL = 560Ω, VCC = 5 V)
(Fig. 20, 21)
tr
MCT210
1.0
Saturated fall time
tf
11
Saturated propagation
delay - high to low
(IF = 16 mA, RL = 2.7kΩ) (Fig. 20, 21)
TPD (HL)
1.0
Saturated propagation
delay - low to high
TPD (LH)
50
Non-saturated
turn on time
(IC = 2 mA, VCC = 10 V, RL = 100Ω
(Fig. 20)
TON
MCT2200
MCT2201
MCT2202
210
Non-saturated
turn off time
TOFF
210
Non-saturated rise time
(IC = 2 mA, VCC = 5 V, RL = 100Ω)
(Fig. 20)
tr
MCT210
2
Non-saturated fall time
tf
2
Non-saturated
turn-on time
(IC = 2 mA, VCC = 5 V, RL = 100Ω)
(Fig. 20)
ton
MCT271
27
Non-saturated
turn-off time
toff
27
ISOLATION CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Min
Typ*
Max
Units
Input-Output Isolation Voltage
(Non ‘-M’, Black Package) (f = 60 Hz, t = 1 min)
VISO
5300
Vac(rms)
(‘-M’, White Package) (f = 60 Hz, t = 1 sec)
7500
Vac(pk)
Isolation Resistance
(VI-O = 500 VDC)
RISO
1011
Isolation Capacitance
(VI-O = &, f = 1 MHz)
CISO
0.5
pF
(‘-M’ White Package)
0.2
2
pF


Similar Part No. - MCT2E.300

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCT2E MOTOROLA-MCT2E Datasheet
267Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
logo
QT Optoelectronics
MCT2E QT-MCT2E Datasheet
608Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Texas Instruments
MCT2E TI-MCT2E Datasheet
106Kb / 7P
[Old version datasheet]   OPTOCOUPLERS
logo
Infineon Technologies A...
MCT2E INFINEON-MCT2E Datasheet
408Kb / 6P
   Industry Standard Single Channel 6 Pin DIP Optocoupler
March 27, 2000-00
logo
ISOCOM COMPONENTS
MCT2E ISOCOM-MCT2E Datasheet
63Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results

Similar Description - MCT2E.300

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com