Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE2955T Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MJE2955T
Description  General Purpose and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MJE2955T Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MJE2955T Datasheet HTML 1Page - Fairchild Semiconductor MJE2955T Datasheet HTML 2Page - Fairchild Semiconductor MJE2955T Datasheet HTML 3Page - Fairchild Semiconductor MJE2955T Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, February 2001
Typical Characteristic
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Safe Operating Area
Figure 4. Power Derating
-0.01
-0.1
-1
-10
1
10
100
1000
VCE = -2V
IC[A], COLLECTOR CURRENT
-0.1
-1
-10
-100
-0.01
-0.1
-1
-10
IC = 10IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
-1
-10
-100
-0.1
-1
-10
-100
5m
s
1m
s
DC
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
255075
100
125
150
175
0
15
30
45
60
75
90
105
T
C[
o
C], CASE TEMPERATURE


Similar Part No. - MJE2955T

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE2955T MOSPEC-MJE2955T Datasheet
123Kb / 3P
   POWER TRANSISTORS(10A,60V,75W)
logo
Inchange Semiconductor ...
MJE2955T ISC-MJE2955T Datasheet
132Kb / 3P
   Silicon PNP Power Transistors
logo
Motorola, Inc
MJE2955T MOTOROLA-MJE2955T Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 VOLTS 75 WATTS
logo
Tiger Electronic Co.,Lt...
MJE2955T TGS-MJE2955T Datasheet
93Kb / 1P
   Complementary Silicon Power Ttransistors
logo
STMicroelectronics
MJE2955T STMICROELECTRONICS-MJE2955T Datasheet
65Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - MJE2955T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE2955T FAIRCHILD-KSE2955T Datasheet
38Kb / 4P
   General Purpose and Switching Applications
KSE3055T FAIRCHILD-KSE3055T Datasheet
38Kb / 4P
   General Purpose and Switching Applications
MJE3055T FAIRCHILD-MJE3055T Datasheet
36Kb / 4P
   General Purpose and Switching Applications
KSE8355T FAIRCHILD-KSE8355T Datasheet
38Kb / 4P
   General Purpose and Switching Applications
logo
Boca Semiconductor Corp...
TIP31 BOCA-TIP31 Datasheet
25Kb / 2P
   General Purpose Amplifier and Switching Applications
TIP41 BOCA-TIP41 Datasheet
25Kb / 2P
   General Purpose Amplifier and Switching Applications
TIP29 BOCA-TIP29 Datasheet
26Kb / 2P
   General purpose Amplifier and Switching Applications
logo
Samsung semiconductor
MJE3055T SAMSUNG-MJE3055T Datasheet
216Kb / 6P
   NPN (GENERAL PURPOSE AND SWITCHING APPLICATIONS)
logo
Sanyo Semicon Device
2SK3912 SANYO-2SK3912 Datasheet
38Kb / 4P
   General-Purpose Switching Device Applications
2SK3819 SANYO-2SK3819 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com