Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42423 Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # PE42423
Description  UltraCMOS SPDT RF Switch 100 MHz - 6 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42423 Datasheet(HTML) 1 Page - Peregrine Semiconductor

  PE42423 Datasheet HTML 1Page - Peregrine Semiconductor PE42423 Datasheet HTML 2Page - Peregrine Semiconductor PE42423 Datasheet HTML 3Page - Peregrine Semiconductor PE42423 Datasheet HTML 4Page - Peregrine Semiconductor PE42423 Datasheet HTML 5Page - Peregrine Semiconductor PE42423 Datasheet HTML 6Page - Peregrine Semiconductor PE42423 Datasheet HTML 7Page - Peregrine Semiconductor PE42423 Datasheet HTML 8Page - Peregrine Semiconductor PE42423 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Page 1 of 11
©2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-11014-1 │ www.psemi.com
Product Specification
UltraCMOS® SPDT RF Switch
100 MHz - 6 GHz
PE42423
Features

802.11 a/b/g/n/ac support

Wide supply range of 2.3V to 5.5V

+1.8V control logic compatible

Exceptional isolation

47 dB @ 2.4 GHz

43 dB @ 6.0 GHz

High linearity across supply range

IIP3 of 65 dBm

IIP2 of 120 dBm

High power handling

38.5 dBm @ 2.4 GHz

37.0 dBm @ 6.0 GHz

Fast switching time of 500 ns

ESD performance

3kV HBM on RF pins to GND

1.5kV HBM on all pins

1kV CDM on all pins
Figure 2. Package Type
16-lead 3x3 mm QFN
Figure 1. Functional Diagram
Product Description
The PE42423 is a HaRP™ technology-enhanced
absorptive 50Ω SPDT RF switch designed for use in high
power and high performance WLAN 802.11 a/b/g/n/ac
applications such as carrier and enterprise Wi-Fi Products,
supporting bandwidths up to 6 GHz.
This switch features high linearity which remains invariant
across the full supply range. PE42423 also features
exceptional isolation, high power handling and is offered in
a 16-lead 3x3 mm QFN package. In addition, no external
blocking capacitors are required if 0V DC is present on the
RF ports.
The PE42423 is manufactured on Peregrine’s
UltraCMOS® process, a patented variation of silicon-on-
insulator (SOI) technology on a sapphire substrate.
Peregrine’s HaRP™ technology enhancements deliver
high linearity and excellent harmonics performance. It is
an innovative feature of the UltraCMOS® process, offering
the performance of GaAs with the economy and
integration of conventional CMOS.
DOC-52425


Similar Part No. - PE42423

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
   UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
More results

Similar Description - PE42423

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42424 PSEMI-PE42424 Datasheet
1Mb / 11P
   UltraCMOS SPDT RF Switch 100 MHz?? GHz
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
   UltraCMOS SPDT RF Switch 100??000 MHz
PE42420 PSEMI-PE42420 Datasheet
355Kb / 11P
   UltraCMOS SPDT RF Switch 100 ??6000 MHz
PE42822 PSEMI-PE42822 Datasheet
460Kb / 21P
   UltraCMOS SPDT RF Switch, 700 MHz-3.8 GHz
PE42421 PSEMI-PE42421 Datasheet
325Kb / 9P
   SPDT UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE42524 PSEMI-PE42524 Datasheet
347Kb / 16P
   UltraCMOS SPDT RF Switch, 10 MHz-40 GHz
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
   UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
PE4259 PSEMI-PE4259 Datasheet
479Kb / 9P
   SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE4259 PSEMI-PE4259 Datasheet
651Kb / 9P
   SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com