Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42520 Datasheet(PDF) 11 Page - Peregrine Semiconductor

Part # PE42520
Description  UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42520 Datasheet(HTML) 11 Page - Peregrine Semiconductor

Back Button PE42520 Datasheet HTML 7Page - Peregrine Semiconductor PE42520 Datasheet HTML 8Page - Peregrine Semiconductor PE42520 Datasheet HTML 9Page - Peregrine Semiconductor PE42520 Datasheet HTML 10Page - Peregrine Semiconductor PE42520 Datasheet HTML 11Page - Peregrine Semiconductor PE42520 Datasheet HTML 12Page - Peregrine Semiconductor PE42520 Datasheet HTML 13Page - Peregrine Semiconductor PE42520 Datasheet HTML 14Page - Peregrine Semiconductor PE42520 Datasheet HTML 15Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
©2012-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-12714-3 |
www.psemi.com
PE42520
Page 11 of 16
Product Specification
Typical Performance Data @ 25°C and VDD = 3.4V unless otherwise specified 
Figure 23. Isolation vs. VDD
(RF1–RF2, RF1 Active) 
Figure 22. Isolation vs. Temp
(RF1–RF2, RF1 Active) 
Figure 25. Isolation vs. VDD
(RF2–RF1, RF2 Active) 
Figure 24. Isolation vs. Temp
(RF2–RF1, RF2 Active) 


Similar Part No. - PE42520

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4252 PASTERNACK-PE4252 Datasheet
265Kb / 2P
   75 Ohm SMC Plug Right Angle Connector Crimp - Solder Attachment For RG179, RG187
PE4252 PASTERNACK-PE4252 Datasheet
316Kb / 3P
   75 Ohm SMC Plug Right Angle Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor
PE42521 PSEMI-PE42521 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
   UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
PE42522A-X PSEMI-PE42522A-X Datasheet
606Kb / 25P
   UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
More results

Similar Description - PE42520

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42521 PSEMI-PE42521 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42553 PSEMI-PE42553 Datasheet
3Mb / 19P
   UltraCMOS SPDT RF Switch, 9 kHz-8 GHz
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
   UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
logo
Teledyne Technologies I...
TDSW0602T TELEDYNE-TDSW0602T Datasheet
822Kb / 12P
   UltraCMOS® SPDT RF Switch, 9 kHz–60 GHz
Rev - 08/2019
logo
Peregrine Semiconductor
PE42542 PSEMI-PE42542 Datasheet
668Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42543 PSEMI-PE42543 Datasheet
666Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42525 PSEMI-PE42525 Datasheet
274Kb / 13P
   SPDT RF Switch, 9 kHz??0 GHz
PE42546 PSEMI-PE42546 Datasheet
352Kb / 17P
   UltraCMOS® SP4T RF Switch, 9 kHz–52 GHz
05/2023
PE42545 PSEMI-PE42545 Datasheet
315Kb / 16P
   UltraCMOS® SP4T RF Switch, 9 kHz–67 GHz
07/2023
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com