Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42820 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE42820
Description  Peregrine Enables New Approach to RF Switching in High-Power Wireless Systems
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42820 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE42820 Datasheet HTML 1Page - Peregrine Semiconductor PE42820 Datasheet HTML 2Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEWS RELEASE
communications and industrial product line. “Discrete solutions utilizing pin diodes and mechanical relays
simply cannot support the required linearity from UHF/VHF through LTE operation while still meeting the
size, cost and performance expectations of high-power wireless systems. Our monolithic approach offers
a reliable solution to these challenges and provide customers with a route to future proofing their designs
as they move to accommodate additional frequency bands.”
In addition to high linearity (82dBm IIP3 @ 850MHz; 76dBm IIP3 @ 2.7GHz), the PE42820 and
PE42821 switching ICs feature low insertion loss (0.35 from 30MHz-1GHz; 0.20 from 1-2GHz; and 0.80
from 2-2.7GHz), and exceptional ESD of 1.5 kV HBM on all pins. The PE42820/1 high-power switches
operate with a wide supply range of 2.3V to 5.5V. The PE42821 is a feature and pin-compatible version
of the PE42820 with a faster switching time of 6µs.
Development Tool Support
Peregrine Semiconductor also announced availability of the PE42820/1 Evaluation Kits, available
now through Peregrine’s global direct sales representatives and worldwide distribution partners.
Packaging, Pricing & Availability
The PE42820/821 switches are supplied in RoHS compliant, 5 x 5 mm 32-lead QFN packages.
Pricing for both devices starts at $11.69 in 10k unit quantifies. Samples and volume-production quantities
are available today by contacting Peregrine. For more information, visit http://www.psemi.com.
About Peregrine Semiconductor
Peregrine Semiconductor (NASDAQ: PSMI) is a fabless provider of high-performance radio
frequency integrated circuits (RFICs). Our solutions leverage our proprietary UltraCMOS
® technology, an
advanced RF Silicon-On-Insulator process. Our products deliver what we believe is an industry-leading
combination of performance and monolithic integration, and target a broad range of applications in the
aerospace and defense, broadband, industrial, mobile wireless device, test and measurement equipment,
and wireless infrastructure markets. Additional information is available at http://www.psemi.com.
####
The Peregrine Semiconductor name, logo, and UltraCMOS are registered trademarks of Peregrine Semiconductor Corporation in
the U.S.A., and other countries. HaRP is a trademark of Peregrine Semiconductor Corporation in the U.S.A., and other countries.
All other trademarks mentioned herein are the property of their respective owners.
Editorial Contact:
Tiana Dixon
PR Account Manager
Peregrine Semiconductor Corporation
Phone: 503.708.1925
tdixon@psemi.com
Tags/Keywords: high-power switch, land mobile radio, wireless infrastructure, small cells, UltraCMOS, HaRP, LTE


Similar Part No. - PE42820

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42820MLBA-X PSEMI-PE42820MLBA-X Datasheet
371Kb / 12P
   UltraCMOS짰 SPDT RF Switch 30??700 MHz
More results

Similar Description - PE42820

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
TS51231 GENNUM-TS51231 Datasheet
275Kb / 10P
   Wireless power systems up to 5W output
logo
List of Unclassifed Man...
TRW-909HI ETC2-TRW-909HI Datasheet
569Kb / 10P
   Wireless High Power Transceiver RF Module
logo
Semtech Corporation
TS51231 SEMTECH-TS51231 Datasheet
442Kb / 10P
   High Efficiency Transmitter Driver for Wireless Power Systems
TS80003 SEMTECH-TS80003 Datasheet
3Mb / 27P
   High Efficiency Transmirrer Controller for Wireless Power Systems
logo
List of Unclassifed Man...
C5K1-TPD-XX ETC2-C5K1-TPD-XX Datasheet
550Kb / 2P
   C5 Series Credenza Racks Implement a Totally New Approach
logo
Semtech Corporation
TS81000 SEMTECH-TS81000 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS80000 ETC2-TS80000 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com