Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42821 Datasheet(PDF) 9 Page - Peregrine Semiconductor

Part # PE42821
Description  UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42821 Datasheet(HTML) 9 Page - Peregrine Semiconductor

Back Button PE42821 Datasheet HTML 4Page - Peregrine Semiconductor PE42821 Datasheet HTML 5Page - Peregrine Semiconductor PE42821 Datasheet HTML 6Page - Peregrine Semiconductor PE42821 Datasheet HTML 7Page - Peregrine Semiconductor PE42821 Datasheet HTML 8Page - Peregrine Semiconductor PE42821 Datasheet HTML 9Page - Peregrine Semiconductor PE42821 Datasheet HTML 10Page - Peregrine Semiconductor PE42821 Datasheet HTML 11Page - Peregrine Semiconductor PE42821 Datasheet HTML 12Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Product Specification
PE42821
Page 9 of 12
Document No. DOC-13714-3 │ www.psemi.com
©2012-2013 Peregrine Semiconductor Corp. All rights reserved.
Figure 14. Evaluation Board Layout
Evaluation Kit
The PE42821 Evaluation Kit board was designed
to ease customer evaluation of the PE42821 RF
switch.
The evaluation board in Figure 14 was designed
to test the part. DC power is supplied through J10,
with VDD on pin 9, and GND on the entire lower
row of even numbered pins. To evaluate a switch
path, add or remove jumpers on V1 (pin 3) using
Table 5.
The ANT port is connected through a 50Ω
transmission line via the top SMA connector, J1.
RF1 and RF2 paths are also connected through
50Ω transmission lines via SMA connectors as J2
and J3. A 50Ω through transmission line is
available via SMA connectors J5 and J6. This
transmission line can be used to estimate the loss
of the PCB over the environmental conditions
being evaluated. An open-ended 50Ω
transmission line is also provided at J4 for
calibration if needed.
Narrow trace widths are used near each part to
improve impedance matching. The shunt C1 on
RFC port is to provide for high frequency
impedance matching.
PRT-10605


Similar Part No. - PE42821

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4282 PASTERNACK-PE4282 Datasheet
212Kb / 2P
   75 Ohm SMC Jack Bulkhead Connector Clamp-Solder Attachment For RG59, RG62, .285 inch D Hole
logo
Peregrine Semiconductor
PE42820 PSEMI-PE42820 Datasheet
3Mb / 2P
   Peregrine Enables New Approach to RF Switching in High-Power Wireless Systems
PE42820MLBA-X PSEMI-PE42820MLBA-X Datasheet
371Kb / 12P
   UltraCMOS짰 SPDT RF Switch 30??700 MHz
PE42822 PSEMI-PE42822 Datasheet
460Kb / 21P
   UltraCMOS SPDT RF Switch, 700 MHz-3.8 GHz
PE42822A-Z PSEMI-PE42822A-Z Datasheet
460Kb / 21P
   UltraCMOS SPDT RF Switch, 700 MHz-3.8 GHz
More results

Similar Description - PE42821

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
   UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
PE42420LGBB-Z PSEMI-PE42420LGBB-Z Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100.6000 MHz
PE42720 PSEMI-PE42720_14 Datasheet
983Kb / 11P
   UltraCMOS짰 SPDT RF Switch
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
   UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42420 PSEMI-PE42420_14 Datasheet
400Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42721MLBA-Z PSEMI-PE42721MLBA-Z Datasheet
1Mb / 12P
   UltraCMOS짰 SPDT RF Switch 5??200 MHz
PE42422 PSEMI-PE42422_14 Datasheet
962Kb / 13P
   UltraCMOS짰 SPDT RF Switch
PE42721 PSEMI-PE42721_14 Datasheet
345Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42820MLBA-X PSEMI-PE42820MLBA-X Datasheet
371Kb / 12P
   UltraCMOS짰 SPDT RF Switch 30??700 MHz
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
   SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com