Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILE4268 Datasheet(PDF) 5 Page - IK Semicon Co., Ltd

Part # ILE4268
Description  5-V Low-Drop Fixed Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILE4268 Datasheet(HTML) 5 Page - IK Semicon Co., Ltd

  ILE4268_11 Datasheet HTML 1Page - IK Semicon Co., Ltd ILE4268_11 Datasheet HTML 2Page - IK Semicon Co., Ltd ILE4268_11 Datasheet HTML 3Page - IK Semicon Co., Ltd ILE4268_11 Datasheet HTML 4Page - IK Semicon Co., Ltd ILE4268_11 Datasheet HTML 5Page - IK Semicon Co., Ltd ILE4268_11 Datasheet HTML 6Page - IK Semicon Co., Ltd ILE4268_11 Datasheet HTML 7Page - IK Semicon Co., Ltd ILE4268_11 Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ILE4268
January, 2011, Rev. 01
Operating Range
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Input voltage
Vi
-
45
V
-
Junction temperature
Tj
-40
150
°C
-
Thermal Resistance
Junction ambient (soldered)
RthjA
70
K/W
Junction case
RthjC
25
K/W
Optimum reliability and life time are guaranteed if the junction temperature does not
exceed 125 °C in operating mode. Operation at up to the maximum junction temperature
of 150°C is possible in principle. Note, however, that operation at the maximum permitted
ratings could affect the reliability of the device.
Characteristics
Vi = 13.5 V;- 40 °C
≤ Tj ≤ 125 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Output voltage
VQ
4.90
5.00
5.10
V
5mA
≤ I
Q ≤ 150mA;
6V
≤ V i≤ 28V;
Output current limiting
IQ
180
250
mA
Current consumption
Iq = Ii - IQ
Iq
300
450
HA
IQ = 0 mA
Current consumption
Iq = Ii - IQ
Iq
13
20
mA
IQ = 150 mA
Drop voltage
VDR
-
0.25
0.5
V
IQ= 150mA
1)
Load regulation
∆V
Q
-
10
30
mV
IQ= 5 to 150mA
Supply voltage
regulation
∆V
Q
10
30
mV
Vi = 6 to 28 V
IQ= 150mA
Reset Generator
Switching threshold
VRT
4.2
4.5
4.8
V
-
Switching voltage
VRE
1.28
1.35
1.45
V
-
Saturation voltage
VR
-
0.2
0.5
V
1 mA extern
Saturation voltage
Vc
-
30
100
mV
VQ < VRT
Charging current
Id
5
12
18
µA
Vc = 1.0V
Delay switching
threshold
VDU
1.4
1.8
2.2
V
Delay time
td
10
15
25
ms
Cd = 100 nF
Delay time
tt
-
2
-
ms
Cd = 100 nF
Pull-up
RR
18
30
46
k
with resp. to VQ
Lower switching
threshold
VDRL
0.2
0.4
0.55
V
1)
Drop voltage =
VI VQ (measured when the output voltage has dropped 100 mV from the nominal value
obtained at 13.5 V input)


Similar Part No. - ILE4268_11

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILE4268GDW IKSEMICON-ILE4268GDW Datasheet
228Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
More results

Similar Description - ILE4268_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com