Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILE4268 Datasheet(PDF) 6 Page - IK Semicon Co., Ltd

Part # ILE4268
Description  5-V Low-Drop Fixed Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILE4268 Datasheet(HTML) 6 Page - IK Semicon Co., Ltd

  ILE4268_11 Datasheet HTML 1Page - IK Semicon Co., Ltd ILE4268_11 Datasheet HTML 2Page - IK Semicon Co., Ltd ILE4268_11 Datasheet HTML 3Page - IK Semicon Co., Ltd ILE4268_11 Datasheet HTML 4Page - IK Semicon Co., Ltd ILE4268_11 Datasheet HTML 5Page - IK Semicon Co., Ltd ILE4268_11 Datasheet HTML 6Page - IK Semicon Co., Ltd ILE4268_11 Datasheet HTML 7Page - IK Semicon Co., Ltd ILE4268_11 Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ILE4268
January, 2011, Rev. 01
Characteristics (cont’d)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Watchdog
Discharge current
ICd
1.5
3.5
5.2
µA
Vc = 1.0V
Charging current
Id
5
12
18
µA
Vc = 1.0V
Switching voltage
VCd
1.6
1.8
2.0
V
-
Lower switching
threshold
VDWL
0.2
0.4
0.55
V
Watchdog periode T
WP
30
55
75
ms
Q = 100nF
Watchdog trigger
time
F
WT
25
40
60
ms
Cd = 100nF
Activating current
IQ
2
8
15
mA
Activates watchdog
Slew rate
Vw
5
V/
µs from 20 % up to 80 % VQ
Note: The reset output is low in range from VQ= 1 V to VRT.
Test Circuit


Similar Part No. - ILE4268_11

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILE4268GDW IKSEMICON-ILE4268GDW Datasheet
228Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
More results

Similar Description - ILE4268_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com