Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILE4267G Datasheet(PDF) 6 Page - IK Semicon Co., Ltd

Part # ILE4267G
Description  5-V Low-Drop Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILE4267G Datasheet(HTML) 6 Page - IK Semicon Co., Ltd

Back Button ILE4267G Datasheet HTML 2Page - IK Semicon Co., Ltd ILE4267G Datasheet HTML 3Page - IK Semicon Co., Ltd ILE4267G Datasheet HTML 4Page - IK Semicon Co., Ltd ILE4267G Datasheet HTML 5Page - IK Semicon Co., Ltd ILE4267G Datasheet HTML 6Page - IK Semicon Co., Ltd ILE4267G Datasheet HTML 7Page - IK Semicon Co., Ltd ILE4267G Datasheet HTML 8Page - IK Semicon Co., Ltd ILE4267G Datasheet HTML 9Page - IK Semicon Co., Ltd ILE4267G Datasheet HTML 10Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ILE4267
January, 2011, Rev. 01
Electrical Characteristics (cont’d)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Reset Generator
Switching threshold
Vn
4.2
4.5
4.8
V
-
Reset High level
-
4.5
-
-
V
Rext =
Saturation voltage
VR
-
0.1
0.4
V
RR = 4.7 kΩ1)
Pullup
RR
-
30
-
k
-
Saturation voltage
VD,sat.
-
50
100
mV
VQ < VRT
Charge current
Id
8
15
25
µA
VD = 1.5V
Delay switching
threshold
Vdt
2.6
3
3.3
V
-
Delay
td
-
20
-
ms
Cd = 100nF
Switching threshold
Vst
-
0.43
-
V
-
Delay
tt
-
2
-
µs
Cd = 100nF
Inhibit
Turn-ON voltage
VE2
-
3
4
V
IC turned-ON
Turn-OFF voltage
VE2
2
-
-
V
IC turned-OFF
Pulldown
RE2
50
100
200
k
-
Hysteresis
∆V
E2
0.2
0.5
0.8
V
-
Input current
IE2
-
35
100
µA
VIP2 = 4 V
Holding voltage
VE6
30
35
40
%
Referred to VQ
Turn-OFF voltage
VE6
60
70
80
%
Referred to VQ
Pullup
RE6
20
50
100
k
-
Overvoltage Protection
Turn-OFF voltage
Vi, ov
42
44
46
V
-
Turn-ON hysteresis
∆Vi, ov
2
-
6
V
-
1) The reset output is Low between VQ = 1 V and VRT


Similar Part No. - ILE4267G

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILE4267G IKSEMICON-ILE4267G Datasheet
244Kb / 10P
   5-V Low-Drop Voltage Regulator
More results

Similar Description - ILE4267G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
   5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
   5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
   5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
   5 V low drop voltage regulator
Rev. 1.0 2023-07-11
logo
IK Semicon Co., Ltd
ILE4260-2 IKSEMICON-ILE4260-2 Datasheet
269Kb / 9P
   5-V Low-Drop Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com