Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42851 Datasheet(PDF) 8 Page - Peregrine Semiconductor

Part # PE42851
Description  UltraCMOS짰 SP5T RF Switch 100 - 1000 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42851 Datasheet(HTML) 8 Page - Peregrine Semiconductor

Back Button PE42851 Datasheet HTML 4Page - Peregrine Semiconductor PE42851 Datasheet HTML 5Page - Peregrine Semiconductor PE42851 Datasheet HTML 6Page - Peregrine Semiconductor PE42851 Datasheet HTML 7Page - Peregrine Semiconductor PE42851 Datasheet HTML 8Page - Peregrine Semiconductor PE42851 Datasheet HTML 9Page - Peregrine Semiconductor PE42851 Datasheet HTML 10Page - Peregrine Semiconductor PE42851 Datasheet HTML 11Page - Peregrine Semiconductor PE42851 Datasheet HTML 12Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Product Specification
PE42851
Page 8 of 12
©2012-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-13014-3 │ UltraCMOS® RFIC Solutions
Thermal Data
Though the insertion loss for this part is very low,
when handling high power RF signals, the junction
temperature rises significantly.
VSWR conditions that present short circuit loads to
the part can cause significantly more power
dissipation than with proper matching.
Special consideration needs to be made in the
design of the PCB to properly dissipate the heat
away from the part and maintain the 85°C maximum
case temperature. It is recommended to use best
design practices for high power QFN
packages: multi-layer PCBs with thermal vias in a
thermal pad soldered to the slug of the package.
Special care also needs to be made to alleviate
solder voiding under the part.
Table 6. Theta JC
Parameter
Min
Typ
Max
Unit
Theta JC (+85°C)
20
C/W


Similar Part No. - PE42851

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42851MLBA-X PSEMI-PE42851MLBA-X Datasheet
380Kb / 12P
   UltraCMOS짰 SP5T RF Switch 100??000 MHz
More results

Similar Description - PE42851

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42850 PSEMI-PE42850 Datasheet
372Kb / 12P
   UltraCMOS짰 SP5T RF Switch 30 - 1000 MHz
PE42851MLBA-X PSEMI-PE42851MLBA-X Datasheet
380Kb / 12P
   UltraCMOS짰 SP5T RF Switch 100??000 MHz
PE42452 PSEMI-PE42452_14 Datasheet
493Kb / 11P
   UltraCMOS짰 SP5T RF Switch
PE42451 PSEMI-PE42451_14 Datasheet
403Kb / 11P
   SP5T Absorptive UltraCMOS짰 High-Isolation RF Switch
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
PE42451MLIAA-Z PSEMI-PE42451MLIAA-Z Datasheet
352Kb / 11P
   SP5T Absorptive UltraCMOS짰 High-Isolation RF Switch 450-4000 MHz, VssEXT option
PE42641MLBC-Z PSEMI-PE42641MLBC-Z Datasheet
232Kb / 8P
   SP4T UltraCMOS짰 RF Switch 100 MHz ??3.0 GHz
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
   UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
PE42430MLAB-Z PSEMI-PE42430MLAB-Z Datasheet
483Kb / 11P
   UltraCMOS짰 SP3T Reflective RF Switch 100 ??3000 MHz
PE42420LGBB-Z PSEMI-PE42420LGBB-Z Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100.6000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com