Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

980-2000-348 Datasheet(PDF) 6 Page - ITT Industries

Part # 980-2000-348
Description  Defining and Champooning Innivation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

980-2000-348 Datasheet(HTML) 6 Page - ITT Industries

Back Button 980-2000-348 Datasheet HTML 2Page - ITT Industries 980-2000-348 Datasheet HTML 3Page - ITT Industries 980-2000-348 Datasheet HTML 4Page - ITT Industries 980-2000-348 Datasheet HTML 5Page - ITT Industries 980-2000-348 Datasheet HTML 6Page - ITT Industries 980-2000-348 Datasheet HTML 7Page - ITT Industries 980-2000-348 Datasheet HTML 8Page - ITT Industries 980-2000-348 Datasheet HTML 9Page - ITT Industries 980-2000-348 Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
4
www.ittcannon.com
Dimensionsshowninmm(inch)
Specificationsanddimensionssubjecttochange
Metal Backshell
B
9 and 15
Position
25
Position
37 and 50
Position
B
B
C
C
E Dia.
E Dia.
E Dia.
A
A
A
F
D
D
D
F
F
1
1
1
3
3
3
5
5
5
6
4
4
4
2
2
2
9 and 15 Position*
25 Position*
37 and 50 Position*
Die Cast Zinc Backshell, Straight Exit, EMI Shielded
Die cast metal backshells reduce EMI/RFI emis-
sions. Die cast metal backshells offer improved
shielding in a rugged package.
Compression inserts accommodate a wide variety
of cable sizes.
db
0
-10
-20
-30
-40
-50
-60
-70
100
1000
Mhz
Diecast Shell Shielding Performance
Product Features
• Improves conformance to FCC DOC
#20780 shielding requirements
• No crimp ferrule tooling needed
• Kit consists of 1 front shell, 1 rear shell,
2 screws, 2 hex nuts, 2 mounting screws,
2 end brackets, 1 set of compression
inserts
Attenuation
Compression inserts (included with die cast zinc metal backshell)
Specifications
Attenuation:
-50 dB @ 1000MHz
Temperature Range:
-20º C to 80º C
Position
Cable Diameter
9,15
4,83/8,89 (.190/.350)
25
4,83/11,68 (.190/.460)
37,50
7,62/17,27 (.300/.680)
Shell
Part
AB
C
D
øE
F
Size Layout
Number
±0,13 (.005) ±0,13 (.005) ±0,13 (.005) ±0,13 (.005) ±0,13 (.005) ±0,13 (.005)
DE
9
980-2000-345 31,12 (1.225) 37,21 (1.465) 15,75 (.620) 15,75 (.620)
10,16 (.400) 24,99 (.984)
DA
15
980-2000-346 39,12 (1.540) 40,64 (1.600) 15,75 (.620) 15,75 (.620)
10,16 (.400) 33,32 (1.312)
DB
25
980-2000-347 53,09 (2.090) 39,37 (1.550)
17,53 (690)
15,75 (.620)
13,34 (.525) 47,17 (1.857)
DC
37
980-2000-348 69,34 (2.730) 45,72 (1.800) 21,95 (.864) 15,75 (.620)
18,44 (.726) 63,50 (2.500)
DD
50
980-2000-349 66,70 (2.626) 45,72 (1.800) 21,95 (.864) 18,54 (.730)
18,44 (.726) 61,11 (2.406)
#1
#2
#3
#4
#5
#6
Position
O.D.
I.D.
O.D.
I.D.
O.D.
I.D.
O.D.
I.D.
O.D.
I.D.
O.D.
I.D.
9,15
12,07 (.475)
8,13 (.320)
9,14 (.360)
8,00 (.315)
9,14 (.360)
6,48 (.255)
9,14 (.360)
7,24 (.285)
9,14 (.360) 5,33 (.210)
——
25
15,24 (.600)
11,43 (.450) 11,43 (.450)
10,41 (.410) 11.43 (.450)
9,40 (.370) 11.43 (.450)
7,62 (.300)
11.43 (.450) 5,84 (.230)
——
37.50
16,64 (.655)
14,48 (.570) 17,78 (.700)
15,75 (.620) 20,57 (.810) 16,51 (.650) 16,64 (.655) 12,70 (.500) 16,64 (.655) 10,80 (.425) 16,64 (.655) 8,89 (.350)
Materials and Finishes
Backshell Material:
Zinc
Backshell Finish:
Clear Zinc
Compression Inserts: PVC
Hardware Material:
Steel
Hardware Finish:
Clear Zinc
* Inserts may be supplied mirror image.
D Cannon D-Subminiature Accessories
D sub:Layout 1
3/24/09
12:37 PM
Page 4


Similar Part No. - 980-2000-348

ManufacturerPart #DatasheetDescription
logo
ITT Industries
980-2000-348 ITT-980-2000-348 Datasheet
9Mb / 301P
   D Subminiature Connectors
980-2000-348 ITT-980-2000-348 Datasheet
2Mb / 28P
   D Subminiature Accessories
980-2000-348 ITT-980-2000-348 Datasheet
2Mb / 28P
   A Historical Achievement of Technology Leadership
More results

Similar Description - 980-2000-348

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2JS200 BEL-2JS200 Datasheet
87Kb / 2P
   DEFINING A DEGREE OF EXCELLENCE
3AP1 BEL-3AP1 Datasheet
89Kb / 2P
   BEL DEFINING A DEGREE OF EXCELLENCE
3AG16 BEL-3AG16 Datasheet
89Kb / 2P
   BEL DEFINING A DEGREE OF EXCELLENCE
logo
Minilogic Device Corpor...
ML74WLDF MINILOGIC-ML74WLDF Datasheet
156Kb / 4P
   AND Gate (unbuffered) and Buffered
logo
C&K Components
CCM03MK2 CK-COMPONENTS-CCM03MK2 Datasheet
1Mb / 15P
   Compatible with pick and place and
logo
AVAGO TECHNOLOGIES LIMI...
SAS-9305 AVAGO-SAS-9305 Datasheet
698Kb / 2P
   Supports SSDs and HDDs and tapedrives
logo
Ferroxcube Internationa...
FRM20 FERROXCUBE-FRM20_1 Datasheet
59Kb / 6P
   Frame and Bar cores and accessories
CPHS-FRM21-7S-8P FERROXCUBE-CPHS-FRM21-7S-8P Datasheet
29Kb / 1P
   Frame and Bar cores and accessories
CPHS-FRM27-6S-8P FERROXCUBE-CPHS-FRM27-6S-8P Datasheet
34Kb / 1P
   Frame and Bar cores and accessories
FRM20 FERROXCUBE-FRM20 Datasheet
18Kb / 1P
   Frame and Bar cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com