Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

053514-0118 Datasheet(PDF) 1 Page - ITT Industries

Part # 053514-0118
Description  Combo D Series: D-Subminiature offering mixed layouts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

053514-0118 Datasheet(HTML) 1 Page - ITT Industries

  053514-0118 Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet for part number DCM13W6S
Our Catalog Part Number: DCM-13W6S
Our Global Manufacturing Part Number: 053514-0118
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
Product Datasheet
General
Combo D Series: D-Subminiature offering mixed
layouts
Wire Gauge Range AWG
AWG 8-26
Mating Cycles
50
Contact Arrangement
13W6 (7 contacts size 20, 6 empty size 8 cavities)
Dielectric Withstanding Voltage
500 VAC at sea level
Current Rating Signal Contacts
7.5 max
Contact Resistance
10 milli Ohm max
Operating Temperature
-55°/+125°
Salt Spray Test
20 hours
Shell Material
steel
Shell Finish
Yellow chromate over zinc
Insulator Material
Thermoplastic, type PCT UL 94V-0
Insulator Color
black
Gender
Socket
Contact Type
Solder pot
Contact Material
copper alloy
Contact Finish
gold flash (Performance Class 3)
Mounting Method
.120'' (3,05mm) Through Hole
Specifications and dimensions subject to change.
Page 1 of 1


Similar Part No. - 053514-0118

ManufacturerPart #DatasheetDescription
logo
ITT Industries
053514-0017 ITT-053514-0017 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors
053514-0018 ITT-053514-0018 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors
More results

Similar Description - 053514-0118

ManufacturerPart #DatasheetDescription
logo
ITT Industries
051527-0006 ITT-051527-0006 Datasheet
35Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
053515-1372 ITT-053515-1372 Datasheet
41Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
053512-1270 ITT-053512-1270 Datasheet
35Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
053513-1602 ITT-053513-1602 Datasheet
35Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
053515-1144 ITT-053515-1144 Datasheet
34Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
DBME-17W2P-K87 ITT-DBME-17W2P-K87 Datasheet
34Kb / 1P
   combo D Series: D-Subminiature offering mixed layouts
051523-0116 ITT-051523-0116 Datasheet
35Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
051526-0001 ITT-051526-0001 Datasheet
35Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
053513-1722 ITT-053513-1722 Datasheet
35Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
053514-1618 ITT-053514-1618 Datasheet
34Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
053514-1619 ITT-053514-1619 Datasheet
34Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com