Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILE4275D2T Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # ILE4275D2T
Description  5V/400mA Low Drop Voltage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILE4275D2T Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  ILE4275D2T Datasheet HTML 1Page - IK Semicon Co., Ltd ILE4275D2T Datasheet HTML 2Page - IK Semicon Co., Ltd ILE4275D2T Datasheet HTML 3Page - IK Semicon Co., Ltd ILE4275D2T Datasheet HTML 4Page - IK Semicon Co., Ltd ILE4275D2T Datasheet HTML 5Page - IK Semicon Co., Ltd ILE4275D2T Datasheet HTML 6Page - IK Semicon Co., Ltd ILE4275D2T Datasheet HTML 7Page - IK Semicon Co., Ltd ILE4275D2T Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ILE4275
January 2011, Ver.01
Table 1. Pins Description
Chip pad
number
Package pin
number
Symbol
Function
01
01
I
Input
02
02
RO
Reset output
03
03
GND
Common pin (Ground)
04
04
D
Reset delay pin
05, 06
05
Q
Output
07 - 10
-
-
Not bonded (not used)
Block Diagram
A1
– control amplifier;
A2
– buffer;
R1
– R4 –resistors;
VT1 - transistor
Figure 1.
VT1
-
+
A1
01
03
02
05
I
Q
GND
RO
Temperature
sensor
Saturation
control &
protection circuit
Reference
voltage
source
Reset
generator
Adjust-
ment
04
D
A2
R1
R2
R3
R4


Similar Part No. - ILE4275D2T

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILE4270 IKSEMICON-ILE4270 Datasheet
254Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
logo
Integral Corp.
ILE4270G INTEGRAL-ILE4270G Datasheet
192Kb / 6P
   IC OF 5 V/550MA POWER VOLTAGE REGULATOR WITH LOW RESIDUAL VOLTAGE (ANALOG OF TLE4270G BY SIEMENS)
logo
IK Semicon Co., Ltd
ILE4270G IKSEMICON-ILE4270G Datasheet
254Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4270G IKSEMICON-ILE4270G Datasheet
165Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4270GD2 IKSEMICON-ILE4270GD2 Datasheet
165Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
More results

Similar Description - ILE4275D2T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCV676 UTC-UCV676_18 Datasheet
301Kb / 10P
   400mA LOW-DROP VOLTAGE REGULATOR
UCV676 UTC-UCV676 Datasheet
288Kb / 9P
   400mA LOW-DROP VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
   400mA Low Drop Out Voltage Regulator with Shutdown
logo
STMicroelectronics
L4995RKTR STMICROELECTRONICS-L4995RKTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
L4995AJTR STMICROELECTRONICS-L4995AJTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
September 2013 Rev 14
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
   5V VERY LOW DROP VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS4274 TSC-TS4274_13 Datasheet
120Kb / 6P
   5V/400mA Fixed Voltage Ultra Low Dropout Voltage Regulator
logo
STMicroelectronics
L4995 STMICROELECTRONICS-L4995 Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com