Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILE4275DOT Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # ILE4275DOT
Description  5V/400mA Low Drop Voltage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILE4275DOT Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  ILE4275DOT Datasheet HTML 1Page - IK Semicon Co., Ltd ILE4275DOT Datasheet HTML 2Page - IK Semicon Co., Ltd ILE4275DOT Datasheet HTML 3Page - IK Semicon Co., Ltd ILE4275DOT Datasheet HTML 4Page - IK Semicon Co., Ltd ILE4275DOT Datasheet HTML 5Page - IK Semicon Co., Ltd ILE4275DOT Datasheet HTML 6Page - IK Semicon Co., Ltd ILE4275DOT Datasheet HTML 7Page - IK Semicon Co., Ltd ILE4275DOT Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ILE4275
January 2011, Ver.01
Table 2. Absolute Maximum Ratings
Symbol
Parameter
Min.
Max.
Unit
Т
J
Junction temperature
-40*
150
oC
Т
stg
Storage temperature
-50
150
oC
VI
Input voltage
-42
45
V
VD
Reset delay pin voltage
-0.3**
7**
V
ID
Reset delay pin current
-2
2
mA
VR
Reset pin voltage
-0,3**
25**
V
IRO
Reset pin current
-5
5
mA
VQ
Output voltage
-1,0**
16**
V
_________
* Ambient temperature is indicated.
** Voltage is not applied to input I
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those in-
dicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Table 3. Recommended Operation Rate
Symbol
Parameter
Min.
Max.
Unit
Т
J
Junction temperature
-40*
150
oC
VI
Input voltage
5,6
40
V
VQ
Output voltage
4,9
5,1
V
Note:
Maximum power Ptot,W, dissipated by IC at ambient temperature TA , is calculated by formula:
Ptot = (150 - TA) / Rth j-a ,
(1)
150
– maximum permissible operating junction temperature, OC.
Rth j-a - thermal resistance junction ambient (for IC without heat sink),
oC /W,
for ILE4275 without heat sink Rth ja is equal 80
oC /W
for ILE4275 without heat sink Rth ja is equal 65
oC /W
for IC with heat sink Rth ja is calculated by formula
Rth j-a = Rth j-c + Rth c-a ,
( 2 )
Rth j-c - thermal resistance junction case,
oC /W. R
th jc = 4
oC/W.
Thermal resistance case-ambient Rth c-a is determined by heat sink design and is se-
lected by IC customer.
Application circuit and heat sink and ambient temperature have to provide junction tempera-
ture not more TJ  150
OC.
_________
* Ambient temperature is indicated.


Similar Part No. - ILE4275DOT

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILE4270 IKSEMICON-ILE4270 Datasheet
254Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
logo
Integral Corp.
ILE4270G INTEGRAL-ILE4270G Datasheet
192Kb / 6P
   IC OF 5 V/550MA POWER VOLTAGE REGULATOR WITH LOW RESIDUAL VOLTAGE (ANALOG OF TLE4270G BY SIEMENS)
logo
IK Semicon Co., Ltd
ILE4270G IKSEMICON-ILE4270G Datasheet
254Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4270G IKSEMICON-ILE4270G Datasheet
165Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4270GD2 IKSEMICON-ILE4270GD2 Datasheet
165Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
More results

Similar Description - ILE4275DOT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCV676 UTC-UCV676_18 Datasheet
301Kb / 10P
   400mA LOW-DROP VOLTAGE REGULATOR
UCV676 UTC-UCV676 Datasheet
288Kb / 9P
   400mA LOW-DROP VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
   400mA Low Drop Out Voltage Regulator with Shutdown
logo
STMicroelectronics
L4995RKTR STMICROELECTRONICS-L4995RKTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
L4995AJTR STMICROELECTRONICS-L4995AJTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
September 2013 Rev 14
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
   5V VERY LOW DROP VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS4274 TSC-TS4274_13 Datasheet
120Kb / 6P
   5V/400mA Fixed Voltage Ultra Low Dropout Voltage Regulator
logo
STMicroelectronics
L4995 STMICROELECTRONICS-L4995 Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com