Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN1R0-30YLC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PSMN1R0-30YLC
Description  NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN1R0-30YLC Datasheet(HTML) 4 Page - NXP Semiconductors

  PSMN1R0-30YLC Datasheet HTML 1Page - NXP Semiconductors PSMN1R0-30YLC Datasheet HTML 2Page - NXP Semiconductors PSMN1R0-30YLC Datasheet HTML 3Page - NXP Semiconductors PSMN1R0-30YLC Datasheet HTML 4Page - NXP Semiconductors PSMN1R0-30YLC Datasheet HTML 5Page - NXP Semiconductors PSMN1R0-30YLC Datasheet HTML 6Page - NXP Semiconductors PSMN1R0-30YLC Datasheet HTML 7Page - NXP Semiconductors PSMN1R0-30YLC Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
NextPower MOSFETs - Visit us at www.nxp.com/mosfets
NextPower types – parametric data
The 25 V and 30 V types shown below are recommended for synchronous buck regulators, the low R
DS(on) types are also highly
recommended for Power OR-ing applications and low voltage isolated power supply topologies.
Type
Voltage (V)
R
DS(on)typ
V
GS = 4.5 V (mΩ)
Q
G(typ)
V
GS = 4.5 V (nC)
Q
GD(typ)
V
GS = 4.5 V (nC)
C
OSS (pF)
PSMN0R9-25YLC
25
0.95
51
14
1437
PSMN1R1-25YLC
25
1.2
39
11
1121
PSMN1R2-25YLC
25
1.35
31
8.3
994
PSMN1R7-25YLC
25
2
28
7.8
880
PSMN1R9-25YLC
25
2.2
27
7.4
761
PSMN2R2-25YLC
25
2.6
18
5.2
617
PSMN2R9-25YLC
25
3.45
16
4.4
501
PSMN3R2-25YLC
25
3.7
14
4
462
PSMN3R7-25YLC
25
4.25
10.1
3
370
PSMN4R0-25YLC
25
4.5
10.9
3.5
354
25 V NextPower types
NextPower MOSFETs use ‘Superjunction’ silicon technology to
deliver the optimum balance between low R
DS, low QG(tot), low
Q
GD, high SOA performance and low Coss at 25 V and 30 V.
Superjunction technology combines the benefits of a lateral
MOSFET, (low Q
g(tot) and low QGD) with the benefits of a
Trench-MOSFET (low R
DS(on) and 20 V rugged GATE rating)
resulting in a uniquely balanced specification.
NextPower uses an optimized balance of the different
resistance elements in the MOSFET to achieve a lower
on-resistance for every cell. The low cell resistance means that
NextPower types typically require fewer cells than competitor
devices to achieve the same R
DS(on), and a lower cell count
provides lower Q
G(tot), low QGD, low Coss and superior ‘Safe
operating area’ ruggedness.
NextPower technology uses p-Type
pillars to improve the breakdown
voltage in the OFF state, and a heavily
doped n-Type drift region to achieve
exceptionally low ON resistance.
Since fewer cells are required to
achieve a given R
DS rating, then gate
charge (Q
G), Miller charge (QGD),
output capacitance (C
oss) are all
reduced and optimum ruggedness
(denoted by the safe operating area
characteristics) is achieved.
Superjunction technology
Drain
p-Type
PILLARS
n-Type
DRIFT REGION
n+
Gate
p-Body
Source


Similar Part No. - PSMN1R0-30YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R0-30YLC NXP-PSMN1R0-30YLC Datasheet
248Kb / 15P
   N-channel 30 V 1.15 mOHM logic level MOSFET in LFPAK
Rev. 02-23 November 2010
PSMN1R0-30YLC PHILIPS-PSMN1R0-30YLC Datasheet
307Kb / 15P
   N-channel 30 V 1.15 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 4-4 July 2011
PSMN1R0-30YLC PHILIPS-PSMN1R0-30YLC Datasheet
1Mb / 8P
   NextPower MOSFETs
May 2011
logo
Nexperia B.V. All right...
PSMN1R0-30YLC NEXPERIA-PSMN1R0-30YLC Datasheet
753Kb / 14P
   N-channel 30 V 1.15 mΩ logic level MOSFET in LFPAK using NextPower technology
15 January 2015
logo
NXP Semiconductors
PSMN1R0-30YLC PHILIPS-PSMN1R0-30YLC_11 Datasheet
307Kb / 15P
   N-channel 30 V 1.15 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 4-4 July 2011
More results

Similar Description - PSMN1R0-30YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R8-30LL PHILIPS-PSMN3R8-30LL Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
logo
Nexperia B.V. All right...
PSMN1R2-30YLC NEXPERIA-PSMN1R2-30YLC Datasheet
931Kb / 15P
   N-channel 30 V 1.25mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 1 - 3 May 2011
PSMN2R2-30YLC NEXPERIA-PSMN2R2-30YLC Datasheet
934Kb / 15P
   N-channel 30 V 2.15mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 02 - 3 May 2011
logo
NXP Semiconductors
PSMN2R6-30YLC PHILIPS-PSMN2R6-30YLC_15 Datasheet
351Kb / 15P
   N-channel 30 V 2.8m logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN3R2-30YLC PHILIPS-PSMN3R2-30YLC_15 Datasheet
352Kb / 15P
   N-channel 30 V 3.5m logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
logo
Nexperia B.V. All right...
PSMN2R6-30YLC NEXPERIA-PSMN2R6-30YLC Datasheet
931Kb / 15P
   N-channel 30 V 2.8mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
PSMN3R2-30YLC NEXPERIA-PSMN3R2-30YLC Datasheet
933Kb / 15P
   N-channel 30 V 3.5mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
PSMN4R1-30YLC NEXPERIA-PSMN4R1-30YLC Datasheet
750Kb / 14P
   N-channel 30 V 4.35mΩ logic level MOSFET in LFPAK using NextPower technology
12 February 2013
PSMN3R7-30YLC NEXPERIA-PSMN3R7-30YLC Datasheet
467Kb / 16P
   N-channel 30 V 3.95mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
PSMN6R5-25YLC NEXPERIA-PSMN6R5-25YLC Datasheet
903Kb / 15P
   N-channel 25 V 6.5 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 31 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com