Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN556D Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IN556D
Description  Timing Circuit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN556D Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IN556D Datasheet HTML 1Page - IK Semicon Co., Ltd IN556D Datasheet HTML 2Page - IK Semicon Co., Ltd IN556D Datasheet HTML 3Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
I N556
2011, January, ver.01
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
18
V
Tstg
Storage Temperature
-60 to +85
°C
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated
under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
4.5
16
V
TA
Operating Temperature, All Package Types
-10
+70
°C
ELECTRICAL CHARACTERISTICS(TA =+25°C)
Symbol
Parameter
Test Conditions
Guaranteed Limits
Unit
Min
Max
ICC
Supply Current
VCC=5.0 V, RL =∞
VCC=15 V, RL=∞
12
30
mA
Timing Error
R=1.0 k
Ω to 100 kΩ
Initial Accuracy C = 0.1
µF
VCC=5.0 V and VCC=15 V
4
%
Vth
Threshold Voltage
VCC=5.0 V
VCC=15 V
2.6
9
4.0
11
V
VT
Trigger Voltage
VCC=5.0 V
VCC=15 V
1.1
4.5
2.2
5.6
V
IT
Trigger Current
V06,08 =0 V, VCC=15 V
-2
µA
VR
Reset Voltage
VCC=15 V
0.4
1.0
V
IR
Reset Current
V04,10 =0 V, VCC=15 V
-0.6
mA
Ith
Threshold Current (Note 1)
V02,12 =10 V, VCC=15 V
0.25
µA
Idis
Discharge Leakage Current
VCC=15 V, V01,13 =15 V
100
nA
VREF
Control Voltage Level
VCC=15 V
VCC=5.0 V
9.0
2.6
11
4.0
V
VOL
Output Voltage Low
(VCC=15 V)
Isink=10 mA,
Isink=50 mA,
Isink=100 mA,
VCC=5.0 V, Isink=5.0 mA
0.25
0.75
2.3
0.35
V
VOH
Output Voltage High
Isource=200 mA,VCC=15 V
Isource=100 mA, VCC=15 V
Isource=100 mA, VCC=5.0 V
12
12.75
2.75
V
tOLH
Rise Time of Output
VCC=15 V
300
ns
tOHL
Fall Time of Output
VCC=15 V
300
ns
Note 1. This will determine the maximum value of RA + RB for 15 V operation.
The maximum total R=20 M
Ω.


Similar Part No. - IN556D

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN556D INTEGRAL-IN556D Datasheet
114Kb / 2P
   Timing Circuit
logo
IK Semicon Co., Ltd
IN556D IKSEMICON-IN556D Datasheet
190Kb / 3P
   Timing Circuit
More results

Similar Description - IN556D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SLC556 SLS-SLC556 Datasheet
23Kb / 2P
   Timing Circuit
logo
List of Unclassifed Man...
IN555 ETC-IN555 Datasheet
96Kb / 2P
   Timing Circuit
logo
KODENSHI_AUK CORP.
KK555 KODENSHI-KK555 Datasheet
238Kb / 4P
   Timing Circuit
KK556 KODENSHI-KK556 Datasheet
196Kb / 3P
   Timing Circuit
logo
System Logic Semiconduc...
SLC555 SLS-SLC555 Datasheet
24Kb / 3P
   Timing Circuit
logo
IK Semicon Co., Ltd
IN556 IKSEMICON-IN556 Datasheet
190Kb / 3P
   Timing Circuit
logo
Integral Corp.
IN556 INTEGRAL-IN556 Datasheet
114Kb / 2P
   Timing Circuit
logo
IK Semicon Co., Ltd
IN555 IKSEMICON-IN555_11 Datasheet
183Kb / 4P
   Timing Circuit
IN555 IKSEMICON-IN555 Datasheet
232Kb / 4P
   Timing Circuit
logo
NTE Electronics
NTE955M NTE-NTE955M Datasheet
28Kb / 4P
   Integrated Circuit Timing Circuit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com