Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN5213DW1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MUN5213DW1
Description  Dual NPN Bias Resistor Transistors R1 = 47 K , R2 = 47 K
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5213DW1 Datasheet(HTML) 1 Page - ON Semiconductor

  MUN5213DW1 Datasheet HTML 1Page - ON Semiconductor MUN5213DW1 Datasheet HTML 2Page - ON Semiconductor MUN5213DW1 Datasheet HTML 3Page - ON Semiconductor MUN5213DW1 Datasheet HTML 4Page - ON Semiconductor MUN5213DW1 Datasheet HTML 5Page - ON Semiconductor MUN5213DW1 Datasheet HTML 6Page - ON Semiconductor MUN5213DW1 Datasheet HTML 7Page - ON Semiconductor MUN5213DW1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 Semiconductor Components Industries, LLC, 2012
September, 2012 − Rev. 0
1
Publication Order Number:
DTC144ED/D
MUN5213DW1,
NSBC144EDXV6,
NSBC144EDP6
Dual NPN Bias Resistor
Transistors
R1 = 47 kW, R2 = 47 kW
NPN Transistors with Monolithic Bias
Resistor Network
This series of digital transistors is designed to replace a single
device and its external resistor bias network. The Bias Resistor
Transistor (BRT) contains a single transistor with a monolithic bias
network consisting of two resistors; a series base resistor and a
base-emitter resistor. The BRT eliminates these individual
components by integrating them into a single device. The use of a BRT
can reduce both system cost and board space.
Features
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
S and NSV Prefix for Automotive and Other Applications
Requiring Unique Site and Control Change Requirements;
AEC-Q101 Qualified and PPAP Capable
These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
(TA = 25C, common for Q1 and Q2, unless otherwise noted)
Rating
Symbol
Max
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current − Continuous
IC
100
mAdc
Input Forward Voltage
VIN(fwd)
40
Vdc
Input Reverse Voltage
VIN(rev)
10
Vdc
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
ORDERING INFORMATION
Device
Package
Shipping
MUN5213DW1T1G,
SMUN5213DW1T1G
SOT−363
3,000/Tape & Reel
MUN5213DW1T3G
SOT−363
10,000/Tape & Reel
NSBC144EDXV6T1G
SOT−563
4,000/Tape & Reel
NSBC144EDXV6T5G
SOT−563
8,000/Tape & Reel
NSBC144EDP6T5G
SOT−963
8,000/Tape & Reel
†For information on tape and reel specifications, including part orientation and
tape sizes, please refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
MARKING DIAGRAMS
PIN CONNECTIONS
7C M G
G
1
6
7C M G
G
1
7C/D
= Specific Device Code
M
= Date Code*
G
= Pb-Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.
SOT−363
CASE 419B
SOT−563
CASE 463A
Q1
Q2
(1)
(2)
(3)
(6)
(5)
(4)
R1
R2
R2
R1
SOT−963
CASE 527AD
D M G
G
1


Similar Part No. - MUN5213DW1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5213DW1 ONSEMI-MUN5213DW1 Datasheet
87Kb / 8P
   Dual NPN Bias Resistor Transistors
March, 2014 ??Rev. 1
logo
Motorola, Inc
MUN5213DW1T1 MOTOROLA-MUN5213DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Trasnsistors
logo
ON Semiconductor
MUN5213DW1T1 ONSEMI-MUN5213DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
Leshan Radio Company
MUN5213DW1T1 LRC-MUN5213DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5213DW1T1 ONSEMI-MUN5213DW1T1 Datasheet
151Kb / 20P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
More results

Similar Description - MUN5213DW1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144E PHILIPS-PDTC144E_15 Datasheet
760Kb / 17P
   NPN resistor-equipped transistors; R1 = 47 k?? R2 = 47 k?
Rev. 9-15 November 2011
logo
Nexperia B.V. All right...
PDTC144E_SER NEXPERIA-PDTC144E_SER Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 9 - 15 November 2011
PEMH2 NEXPERIA-PEMH2_V01 Datasheet
912Kb / 15P
   NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 5 - 5 December 2011
logo
NXP Semiconductors
PEMD48_PUMD48 PHILIPS-PEMD48_PUMD48_15 Datasheet
969Kb / 16P
   NPN/PNP resistor-equipped transistors R1 = 47 k?? R2 = 47 k??and R1 = 2.2 k?? R2 = 47 k?
Rev. 6-24 January 2012
PEMH2_PUMH2 PHILIPS-PEMH2_PUMH2_15 Datasheet
621Kb / 14P
   NPN/NPN resistor-equipped transistors R1 = 47 k?? R2 = 47 k?
Rev. 5-5 December 2011
logo
Nexperia B.V. All right...
PEMD48 NEXPERIA-PEMD48_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k and R1 = 2.2 k, R2 = 47 k
Rev. 6 - 24 January 2012
logo
NXP Semiconductors
PEMD12_PUMD12 PHILIPS-PEMD12_PUMD12_15 Datasheet
965Kb / 16P
   NPN/PNP resistor-equipped transistors; R1 = 47 k?? R2 = 47 k?
Rev. 4-21 November 2011
logo
Nexperia B.V. All right...
PEMD12 NEXPERIA-PEMD12 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 4 - 21 November 2011
logo
NXP Semiconductors
PQMD12 NXP-PQMD12 Datasheet
207Kb / 13P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
24 July 2013
logo
ON Semiconductor
MUN5114DW1 ONSEMI-MUN5114DW1 Datasheet
124Kb / 8P
   Dual PNP Bias Resistor Transistors R1 = 10 k, R2 = 47 k
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com