Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSBC144EDP6 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSBC144EDP6
Description  Dual NPN Bias Resistor Transistors R1 = 47 K , R2 = 47 K
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBC144EDP6 Datasheet(HTML) 4 Page - ON Semiconductor

  NSBC144EDP6 Datasheet HTML 1Page - ON Semiconductor NSBC144EDP6 Datasheet HTML 2Page - ON Semiconductor NSBC144EDP6 Datasheet HTML 3Page - ON Semiconductor NSBC144EDP6 Datasheet HTML 4Page - ON Semiconductor NSBC144EDP6 Datasheet HTML 5Page - ON Semiconductor NSBC144EDP6 Datasheet HTML 6Page - ON Semiconductor NSBC144EDP6 Datasheet HTML 7Page - ON Semiconductor NSBC144EDP6 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MUN5213DW1, NSBC144EDXV6, NSBC144EDP6
http://onsemi.com
4
TYPICAL CHARACTERISTICS
MUN5213DW1, NSBC144EDXV6
Figure 2. VCE(sat) vs. IC
02
4
6
8
10
100
10
1
0.1
0.01
0.001
Vin, INPUT VOLTAGE (V)
TA = −25C
75C
25C
Figure 3. DC Current Gain
Figure 4. Output Capacitance
100
10
1
0.1
0
1020
30
4050
IC, COLLECTOR CURRENT (mA)
Figure 5. Output Current vs. Input Voltage
1000
10
IC, COLLECTOR CURRENT (mA)
TA =75C
25C
−25C
100
10
1
100
25C
75C
50
0
102030
40
3.2
2.8
1.2
0.8
0.4
0
VR, REVERSE VOLTAGE (V)
Figure 6. Input Voltage vs. Output Current
0
20
40
50
10
1
0.1
0.01
IC, COLLECTOR CURRENT (mA)
25C
75C
VCE = 10 V
f = 10 kHz
IE = 0 A
TA = 25C
VO = 5 V
VO = 0.2 V
IC/IB = 10
TA = −25C
TA = −25C
1.6
2.0
2.4


Similar Part No. - NSBC144EDP6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBC144EDP6 ONSEMI-NSBC144EDP6 Datasheet
87Kb / 8P
   Dual NPN Bias Resistor Transistors
March, 2014 ??Rev. 1
NSBC144EDP6T5G ONSEMI-NSBC144EDP6T5G Datasheet
87Kb / 8P
   Dual NPN Bias Resistor Transistors
March, 2014 ??Rev. 1
More results

Similar Description - NSBC144EDP6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144E PHILIPS-PDTC144E_15 Datasheet
760Kb / 17P
   NPN resistor-equipped transistors; R1 = 47 k?? R2 = 47 k?
Rev. 9-15 November 2011
logo
Nexperia B.V. All right...
PDTC144E_SER NEXPERIA-PDTC144E_SER Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 9 - 15 November 2011
PEMH2 NEXPERIA-PEMH2_V01 Datasheet
912Kb / 15P
   NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 5 - 5 December 2011
logo
NXP Semiconductors
PEMD48_PUMD48 PHILIPS-PEMD48_PUMD48_15 Datasheet
969Kb / 16P
   NPN/PNP resistor-equipped transistors R1 = 47 k?? R2 = 47 k??and R1 = 2.2 k?? R2 = 47 k?
Rev. 6-24 January 2012
PEMH2_PUMH2 PHILIPS-PEMH2_PUMH2_15 Datasheet
621Kb / 14P
   NPN/NPN resistor-equipped transistors R1 = 47 k?? R2 = 47 k?
Rev. 5-5 December 2011
logo
Nexperia B.V. All right...
PEMD48 NEXPERIA-PEMD48_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k and R1 = 2.2 k, R2 = 47 k
Rev. 6 - 24 January 2012
logo
NXP Semiconductors
PEMD12_PUMD12 PHILIPS-PEMD12_PUMD12_15 Datasheet
965Kb / 16P
   NPN/PNP resistor-equipped transistors; R1 = 47 k?? R2 = 47 k?
Rev. 4-21 November 2011
logo
Nexperia B.V. All right...
PEMD12 NEXPERIA-PEMD12 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 4 - 21 November 2011
logo
NXP Semiconductors
PQMD12 NXP-PQMD12 Datasheet
207Kb / 13P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
24 July 2013
logo
ON Semiconductor
MUN5114DW1 ONSEMI-MUN5114DW1 Datasheet
124Kb / 8P
   Dual PNP Bias Resistor Transistors R1 = 10 k, R2 = 47 k
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com