Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-5008-TR1 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-5008-TR1
Description  UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-5008-TR1 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-5008-TR1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-5008-TR1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-5008-TR1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-5008-TR1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-5008-TR1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-5008-TR1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-5008-TR1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-5008-TR1 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPM-5008-TR1 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Handling and Storage
ESD (Electrostatic Discharge)
Electrostatic discharge occurs naturally in the environ-
ment. With the increase in voltage potential, the outlet of
neutralization or discharge will be sought. If the acquired
discharge route is through a semiconductor device, de-
structive damage will result.
ESD countermeasure methods should be developed and
used to control potential ESD damage during handling in
a factory environment at each manufacturing site.
MSL (Moisture Sensitivity Level)
Plastic encapsulated surface mount package is sensitive to
damage induced by absorbed moisture and temperature.
Avago Technologies follows JEDEC Standard J-STD 020B.
Each component and package type is classified for
moisture sensitivity by soaking a known dry package at
Moisture Classification Level and Floor Life
MSL Level
Floor Life (out of bag) at factory ambient =< 30°C/60% RH or as stated
1
Unlimited at =< 30°C/85% RH
2
1 year
2a
4 weeks
3
168 hours
4
72 hours
5
48 hours
5a
24 hours
6
Mandatory bake before use. After bake, must be reflowed within the time limit specified on the label
Note :
1. The MSL Level is marked on the MSL Label on each shipping bag.
various temperatures and relative humidity, and times.
After soak, the components are subjected to three con-
secutive simulated reflows.
The out of bag exposure time maximum limits are deter-
mined by the classification test describe below which cor-
responds to a MSL classification level 6 to 1 according to
the JEDEC standard IPC/JEDEC J-STD-020B and J-STD-033.
ACPM-5008-TR1 is MSL3. Thus, according to the J-STD-033
p.11 the maximum Manufacturers Exposure Time (MET)
for this part is 168 hours. After this time period, the part
would need to be removed from the reel, de-taped and
then re-baked. MSL classification reflow temperature for
the ACPM-5008-TR1 is targeted at 260°C +0/-5°C. Figure
and table on next page show typical SMT profile for
maximum temperature of 260 +0/-5°C.


Similar Part No. - ACPM-5008-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-5008-TR1 BOARDCOM-ACPM-5008-TR1 Datasheet
312Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
More results

Similar Description - ACPM-5008-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5208 AVAGO-ACPM-5208 Datasheet
321Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-5008 BOARDCOM-ACPM-5008 Datasheet
312Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
ACPM-7372 BOARDCOM-ACPM-7372 Datasheet
1Mb / 16P
   UMTS Band8 (880-915MHz) 4x4 Power Amplifier Module
ACPM-5202 BOARDCOM-ACPM-5202 Datasheet
312Kb / 13P
   UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5202 AVAGO-ACPM-5202 Datasheet
323Kb / 13P
   UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
ACPM-5204 AVAGO-ACPM-5204 Datasheet
320Kb / 13P
   UMTS Band4 (1710-1755MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-5201 BOARDCOM-ACPM-5201 Datasheet
329Kb / 13P
   UMTS Band1 (1920-1980MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7371 AVAGO-ACPM-7371 Datasheet
877Kb / 15P
   UMTS 4x4 Power Amplifier (880-915MHz)
logo
Broadcom Corporation.
ACPM-5002 BOARDCOM-ACPM-5002 Datasheet
312Kb / 13P
   Multimode PA - UMTS Band2, LTE Band25 and CDMA PCS 3x3mm Power Amplifi er Module with Coupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5002-TR1 AVAGO-ACPM-5002-TR1 Datasheet
312Kb / 13P
   Multimode PA - UMTS Band2, LTE Band25 and CDMA PCS 3x3mm Power Amplifi er Module with Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com