Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-5013-BLK Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-5013-BLK
Description  3 x 3 mm Power Amplifier Module LTE Band13/14 (777-798 MHz)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-5013-BLK Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-5013-BLK Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-5013-BLK Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-5013-BLK Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-5013-BLK Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-5013-BLK Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-5013-BLK Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-5013-BLK Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPM-5013-BLK Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPM-5013-BLK Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Handling and Storage
ESD (Electrostatic Discharge)
Electrostatic discharge occurs naturally in the environ-
ment. With the increase in voltage potential, the outlet of
neutralization or discharge will be sought. If the acquired
discharge route is through a semiconductor device,
destructive damage will result.
ESD countermeasure methods should be developed and
used to control potential ESD damage during handling in
a factory environment at each manufacturing site.
MSL (Moisture Sensitivity Level)
Plastic encapsulated surface mount package is sensitive to
damage induced by absorbed moisture and temperature.
Avago Technologies follows JEDEC Standard J-STD 020B.
Each component and package type is classified for
moisture sensitivity by soaking a known dry package at
Moisture Classification Level and Floor Life
MSL Level
Floor Life (out of bag) at factory ambient =< 30°C/60% RH or as stated
1
Unlimited at =< 30°C/85% RH
2
1 year
2a
4 weeks
3
168 hours
4
72 hours
5
48 hours
5a
24 hours
6
Mandatory bake before use. After bake, must be reflowed within the time limit specified on the label
Note :
1. The MSL Level is marked on the MSL Label on each shipping bag.
various temperatures and relative humidity, and times.
After soak, the components are subjected to three con-
secutive simulated reflows.
The out of bag exposure time maximum limits are deter-
mined by the classification test describe below which cor-
responds to a MSL classification level 6 to 1 according to
the JEDEC standard IPC/JEDEC J-STD-020B and J-STD-033.
ACPM-5013 is MSL3. Thus, according to the J-STD-033
p.11 the maximum Manufacturers Exposure Time (MET)
for this part is 168 hours. After this time period, the part
would need to be removed from the reel, de-taped and
then re-baked. MSL classification reflow temperature for
the ACPM-5013 is targeted at 260°C +0/-5°C. Figure and
table on next page show typical SMT profile for maximum
temperature of 260 +0/-5°C.


Similar Part No. - ACPM-5013-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5011 AVAGO-ACPM-5011 Datasheet
977Kb / 13P
   UMTS/LTE Band11 Band21 (1427.9 - 1462.9 MHz) 3 x 3 mm Power Amplifier Module
ACPM-5011-BLK AVAGO-ACPM-5011-BLK Datasheet
977Kb / 13P
   UMTS/LTE Band11 Band21 (1427.9 - 1462.9 MHz) 3 x 3 mm Power Amplifier Module
ACPM-5011-TR1 AVAGO-ACPM-5011-TR1 Datasheet
977Kb / 13P
   UMTS/LTE Band11 Band21 (1427.9 - 1462.9 MHz) 3 x 3 mm Power Amplifier Module
More results

Similar Description - ACPM-5013-BLK

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77708 SKYWORKS-SKY77708 Datasheet
76Kb / 2P
   Power Amplifier Module for LTE / EUTRAN Bands XIII / XIV (777-798 MHz)
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5011 AVAGO-ACPM-5011 Datasheet
977Kb / 13P
   UMTS/LTE Band11 Band21 (1427.9 - 1462.9 MHz) 3 x 3 mm Power Amplifier Module
ACPM-5007 AVAGO-ACPM-5007 Datasheet
300Kb / 13P
   LTE Band7 (2500-2570 MHz) 3 x 3 mm Power Amplifi er Module
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
   3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
logo
Skyworks Solutions Inc.
SKY77773 SKYWORKS-SKY77773 Datasheet
73Kb / 2P
   Power Amplifier Module for LTE Bands 13-14
logo
Qorvo, Inc
QPA9501 QORVO-QPA9501_V01 Datasheet
846Kb / 10P
   3-Stage LTE-U/LAA Power Amplifier
June 26, 2020
QPA9501 QORVO-QPA9501 Datasheet
850Kb / 1P
   3-Stage LTE-U/LAA Power Amplifier
logo
TriQuint Semiconductor
TQQ0303 TRIQUINT-TQQ0303_15 Datasheet
383Kb / 6P
   LTE Band 3 Downlink Module
TQQ0302 TRIQUINT-TQQ0302_15 Datasheet
398Kb / 6P
   LTE Band 3 Uplink Module
logo
TAI-SAW TECHNOLOGY CO.,...
TA1843DA TAI-SAW-TA1843DA Datasheet
785Kb / 8P
   SAW Rx Filter 1842.5 MHz LTE Band 3 SMD 1.1x0.9 mm (BW=75 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com