Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-28UNEF-2B Datasheet(PDF) 5 Page - ITT Industries

Part # 2-28UNEF-2B
Description  ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

2-28UNEF-2B Datasheet(HTML) 5 Page - ITT Industries

  2-28UNEF-2B Datasheet HTML 1Page - ITT Industries 2-28UNEF-2B Datasheet HTML 2Page - ITT Industries 2-28UNEF-2B Datasheet HTML 3Page - ITT Industries 2-28UNEF-2B Datasheet HTML 4Page - ITT Industries 2-28UNEF-2B Datasheet HTML 5Page - ITT Industries 2-28UNEF-2B Datasheet HTML 6Page - ITT Industries 2-28UNEF-2B Datasheet HTML 7Page - ITT Industries 2-28UNEF-2B Datasheet HTML 8Page - ITT Industries 2-28UNEF-2B Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
A-76
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
MS3100A
CA/CAR 3100A
CA /MS A&B
Wall Mounting Receptacle - Solid Endbell
ITT CANNON
HARDWARE
KIT NO.
(BLACK ZINC)
ITT CANNON
HARDWARE
KIT NO.
(GREEN ZINC)
*
* 10SL is available in the following configurations only: 3100, 3101, 3102,
pin contacts only and 3106 and 3108 socket contacts only
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 76


Similar Part No. - 2-28UNEF-2B

ManufacturerPart #DatasheetDescription
logo
ITT Industries
2-28UNEF ITT-2-28UNEF Datasheet
326Kb / 31P
   The miniature circular connectors series KPT and KPSE from ITT Cannon are Manufactured acc
More results

Similar Description - 2-28UNEF-2B

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DENG9P-P1 ITT-DENG9P-P1 Datasheet
10Mb / 302P
   The ITT Cannon D Subminiature Family of connectors has grown to include a wide variety of styles
logo
List of Unclassifed Man...
DPXAMA-26-33S ETC2-DPXAMA-26-33S Datasheet
2Mb / 120P
   ITT Electronic Components is a division of the multinational ITT Corporation a $7.5billion dollar global enterprise.
logo
ITT Industries
KPT02E22-36PW ITT-KPT02E22-36PW Datasheet
326Kb / 31P
   The miniature circular connectors series KPT and KPSE from ITT Cannon are Manufactured acc
logo
List of Unclassifed Man...
5638A ETC2-5638A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
5649A ETC2-5649A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
logo
Shenzhen Huazhimei Semi...
HM8022B HMSEMI-HM8022B Datasheet
573Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8023 HMSEMI-HM8023 Datasheet
471Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8021A HMSEMI-HM8021A Datasheet
514Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022A HMSEMI-HM8022A Datasheet
455Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8024 HMSEMI-HM8024 Datasheet
570Kb / 7P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com