Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68LK332ACEH16 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC68LK332ACEH16
Description  32-Bit Modular Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68LK332ACEH16 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC68LK332ACEH16 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68LK332ACEH16 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68LK332ACEH16 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68LK332ACEH16 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68LK332ACEH16 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68LK332ACEH16 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68LK332ACEH16 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68LK332ACEH16 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68LK332ACEH16 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
MC68332
MOTOROLA
MC68332TS/D
7
1.3 Pin Assignments
Figure 2 MC68332 132-Pin QFP Pin Assignments
332 132-PIN QFP
MC68332
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
DATA9
DATA10
DATA11
DATA12
DATA13
DATA14
DATA15
ADDR0
ADDR1
ADDR2
ADDR3
ADDR4
ADDR5
ADDR6
ADDR7
ADDR8
ADDR9
ADDR10
ADDR11
ADDR12
ADDR13
ADDR14
ADDR15
ADDR16
ADDR17
ADDR18
PQS0/MISO
PQS1/MOSI
PQS2/SCK
PQS3/PCS0/SS
PQS4/PCS1
PQS5/PCS2
PQS6/PCS3
DATA0
DATA1
DATA2
DATA3
DATA4
DATA5
DATA6
DATA7
DATA8
VDD
VSS
VDD
PE1/DSACK1
PE0/DSACK0
PE2/AVEC
PE3/RMC
PE5/DS
CSBOOT
BGACK/CS2
BG/CS1
BR/CS0
VSTBY
VDD
VSS
VSS
VDD
VDD
VDD
VSS
VSS
VSS
VDD
VDD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68LK332ACEH16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68LK332 NXP-MC68LK332 Datasheet
860Kb / 28P
   16.78 MHz Electrical Characteristics
MC68LK332EC16 NXP-MC68LK332EC16 Datasheet
860Kb / 28P
   16.78 MHz Electrical Characteristics
More results

Similar Description - MC68LK332ACEH16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68332GCEH25 FREESCALE-MC68332GCEH25 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332ACEH20 FREESCALE-MC68332ACEH20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68CK331CAG16 FREESCALE-MC68CK331CAG16 Datasheet
598Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68331 MOTOROLA-MC68331 Datasheet
2Mb / 84P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68332ACEH16 FREESCALE-MC68332ACEH16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68F333 NXP-MC68F333 Datasheet
447Kb / 16P
   32-Bit Modular Microcontroller
MC68332 NXP-MC68332 Datasheet
855Kb / 88P
   32-Bit Modular Microcontroller
Rev. 2
MC68CK338 NXP-MC68CK338 Datasheet
1Mb / 133P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68331TS FREESCALE-MC68331TS Datasheet
616Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68332TS MOTOROLA-MC68332TS Datasheet
446Kb / 88P
   32-Bit Modular Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com