Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TST06RB05T Datasheet(PDF) 8 Page - ITT Industries

Part # TST06RB05T
Description  A historical Achievement of technology Leadership
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST06RB05T Datasheet(HTML) 8 Page - ITT Industries

Back Button TST06RB05T Datasheet HTML 4Page - ITT Industries TST06RB05T Datasheet HTML 5Page - ITT Industries TST06RB05T Datasheet HTML 6Page - ITT Industries TST06RB05T Datasheet HTML 7Page - ITT Industries TST06RB05T Datasheet HTML 8Page - ITT Industries TST06RB05T Datasheet HTML 9Page - ITT Industries TST06RB05T Datasheet HTML 10Page - ITT Industries TST06RB05T Datasheet HTML 11Page - ITT Industries TST06RB05T Datasheet HTML 12Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
Typical Nomenclature:
TST
02
PA
0
0
*
Series
TST = Trident Snap Together
Number of Contacts
02
03
04
06
12
24
36
Plating Style
T= Tin
Y
= Gold
Z
= Gold Flash
*= None (no contacts)
Contact Type
0= No Contacts (Standard for Plug and Panel
Mounted Receptacle)
1= Machined Solder Tail Pin
2= Machined Solder Tail Socket
5= Formed Stamped Solder Tail Pin
6= Formed Stamped Solder Tail Socket
Color of Moulding
0= Black
Cannon Trident Connectors
Snap Together - Rectangular
Test
Method
Criteria of Acceptance
Dielectric Withstanding Voltage
2000 V ac
No breakdown
Thermal Shock
-55°C to +125°C (-67°F to +257°F), 5 cycles
No physical damage
Physical Shock
50 g’s peak, 3 axes,
No physical damage.
11 millisecond duration half-sine pulse
No loss of continuity >1 sec
Vibration
10 g’s peak,
No physical damage,
10-500 Hz, 9 hours
No loss of continuity >1 sec
Durability
500 cycles of mating and unmating,
No mechanical or
500 mating cycles max
electrical defects
Salt Spray
48 hours
Shall be capable of mating and unmating
and meet contact resistance requirements
High Temperature Endurance
1000 hours at 125°C (+257°F)
Insulation Resistance > 100 MΩ
Humidy Steady State
RH 90-95%, 40°C (+104°F), 504 hours
Insulation Resistance > 100 MΩ
Moisture Resistance
10 Cycles
Insulation Resistance > 100 MΩ
The table below summarizes the results of key tests. Data is applicable to standard connectors with standard contacts.
Variations may affect this data, so please consult factory for further information on your requirements.
Test Specifications
How to Order
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
www.ittcannon.com
8
Type
PA
Plug; Free
RB
Receptacle; For PCB, with Mounting Lugs
RA
Receptacle; Panel Mounting
(delivered without any contacts)
RR
Receptacle, For PCB, 90
° Right Angle Mounting
(only for 12 position connectors with machined contacts)
AS
Accessory; Receptacle Shroud
AH
Accessory; Plug Strain Relief Hood


Similar Part No. - TST06RB05T

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TST06RB00T ITT-TST06RB00T Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
TST06RB01T ITT-TST06RB01T Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
TST06RB02T ITT-TST06RB02T Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
More results

Similar Description - TST06RB05T

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DBMN-25S-N-A197 ITT-DBMN-25S-N-A197 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DEMP2C2P-JK87 ITT-DEMP2C2P-JK87 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DBMM-9W4P ITT-DBMM-9W4P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DCMM8W8P ITT-DCMM8W8P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DDMN-50P-N-K87 ITT-DDMN-50P-N-K87 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
M85049 ITT-M85049 Datasheet
2Mb / 28P
   A Historical Achievement of Technology Leadership
DBMC13C3SJA197 ITT-DBMC13C3SJA197 Datasheet
4Mb / 103P
   A Historical Achievement of Technology Leadership
DCMM-8W8P ITT-DCMM-8W8P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
logo
Broadcom Corporation.
SAS3216 BOARDCOM-SAS3216 Datasheet
668Kb / 2P
   Extending RAID and SAS Technology Leadership, Avago Introduces
logo
Microchip Technology
RE46C141S16F MICROCHIP-RE46C141S16F Datasheet
249Kb / 12P
   A Subsidiary of Microchip Technology Inc.
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com