Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08SH4MTJR Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MTJR
Description  MC9S08SH8 Datasheet
Download  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MTJR Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MTJR Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08SH4MTJR Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08SH4MTJR Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08SH4MTJR Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08SH4MTJR Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08SH4MTJR Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08SH4MTJR Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08SH4MTJR Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08SH4MTJR Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 341 page
background image
8-Bit HCS08 Central Processor Unit (CPU)
• 40-MHz HCS08 CPU (central processor unit)
• HC08 instruction set with added BGND instruction
• Support for up to 32 interrupt/reset sources
On-Chip Memory
• FLASH read/program/erase over full operating
voltage and temperature
• Random-access memory (RAM)
Power-Saving Modes
• Two very low power stop modes
• Reduced power wait mode
• Very low power real time interrupt for use in run,
wait, and stop
Clock Source Options
• Oscillator (XOSC) — Loop-control Pierce
oscillator; Crystal or ceramic resonator range of
31.25 kHz to 38.4 kHz or 1 MHz to 16 MHz
• Internal Clock Source (ICS) — Internal clock
source module containing a frequency-locked
loop (FLL) controlled by internal or external
reference; precision trimming of internal reference
allows 0.2% resolution and 2% deviation over
temperature and voltage; supports bus
frequencies from 2 MHz to 20 MHz.
System Protection
• Watchdog computer operating properly (COP)
reset with opti/n to run from dedicated 1-kHz
internal clock source or bus clock
• Low-voltage detection with reset or interrupt;
selectable trip points
• Illegal opcode detection with reset
• Illegal address detection with reset
• FLASH block protect
Development Support
• Single-wire background debug interface
• Breakpoint capability to allow single breakpoint
setting during in-circuit debugging (pluss two
more breakpoints in on-chip debug module)
• On-chip, in-circuit emulation (ICE) debug module
containing two comparators and nine trigger
modes. Eight deep FIFO for storing
change-of-flow address and event-only data.
Debug module supports both tag and force
breakpoints.
Peripherals
ADC — 12-channel, 10-bit resolution, 2.5 μs
conversion time, automatic compare function,
temperature sensor, internal bandgap reference
channel; runs in stop3
ACMP — Analog comparator with selectable
interrupt on rising, falling, or either edge of
comparator output; compare option to fixed
internal bandgap reference voltage; output can be
optionally routed to TPM module; runs in stop3
SCI — Full duplex non-return to zero (NRZ); LIN
master extended break generation; LIN slave
extended break detection; wake up on active edge
SPI — Full-duplex or single-wire bidirectional;
Double-buffered transmit and receive; Master or
Slave mode; MSB-first or LSB-first shifting
IIC — Up to 100 kbps with maximum bus loading;
Multi-master operation; Programmable slave
address; Interrupt driven byte-by-byte data
transfer; supports broadcast mode and 10-bit
addressing
MTIM — 8-bit modulo counter with 8-bit prescaler
and overflow interrupt
TPMx — Two 2-channel timer pwm modules
(TPM1, TPM2); Selectable input capture, output
compare, or buffered edge- or center-aligned
PWM on each channel
RTC — (Real-time counter) 8-bit modulus counter
with binary or decimal based prescaler; External
clock source for precise time base, time-of-day,
calendar or task scheduling functions; Free
running on-chip low power oscillator (1 kHz) for
cyclic wake-up without external components, runs
in all MCU modes
Input/Output
• 17 general purpose I/O pins (GPIOs) and 1
output-only pin
• 8 interrupt pins with selectable polarity
• Ganged output option for PTB[5:2] and PTC[3:0];
allows single write to change state of multiple pins
• Hysteresis and configurable pull up device on all
input pins; Configurable slew rate and drive
strength on all output pins.
Package Options
• 24-QFN, 20-TSSOP, 20-SOIC, 20-PDIP,
16-TSSOP, 8-SOIC
MC9S08SH8 Features


Similar Part No. - MC9S08SH4MTJR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SH4MFKRR FREESCALE-MC9S08SH4MFKRR Datasheet
3Mb / 338P
   Microcontrollers
MC9S08SH4MPJR FREESCALE-MC9S08SH4MPJR Datasheet
3Mb / 338P
   Microcontrollers
MC9S08SH4MRSCR FREESCALE-MC9S08SH4MRSCR Datasheet
3Mb / 338P
   Microcontrollers
MC9S08SH4MRTGR FREESCALE-MC9S08SH4MRTGR Datasheet
3Mb / 338P
   Microcontrollers
MC9S08SH4MRTJR FREESCALE-MC9S08SH4MRTJR Datasheet
3Mb / 338P
   Microcontrollers
More results

Similar Description - MC9S08SH4MTJR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SH8CTJ FREESCALE-MC9S08SH8CTJ Datasheet
1Mb / 341P
   MC9S08SH8 Datasheet
MC9S08SH4CTG FREESCALE-MC9S08SH4CTG Datasheet
1Mb / 341P
   This is the MC9S08SH8 datasheet set consisting of the following files
logo
Macronix International
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
   DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
   DATASHEET
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
   DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
   DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
   DATASHEET
MX25L12855FXDI-10G MCNIX-MX25L12855FXDI-10G Datasheet
1Mb / 101P
   DATASHEET
MX29GL320EHT2I-70G MCNIX-MX29GL320EHT2I-70G Datasheet
1Mb / 77P
   DATASHEET
MX29GL128FDT2I-11G MCNIX-MX29GL128FDT2I-11G Datasheet
1Mb / 72P
   DATASHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com