Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8349ZUALDB Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC8349ZUALDB
Description  Integrated Host Processor Hardware Specifications
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8349ZUALDB Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC8349ZUALDB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8349ZUALDB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8349ZUALDB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8349ZUALDB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8349ZUALDB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8349ZUALDB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8349ZUALDB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8349ZUALDB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8349ZUALDB Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 87 page
background image
MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13
Freescale Semiconductor
9
Electrical Characteristics
Figure 3 shows the undershoot and overshoot voltage of the PCI interface of the MPC8349EA for the
3.3-V signals, respectively.
Figure 3. Maximum AC Waveforms on PCI Interface for 3.3-V Signaling
2.1.3
Output Driver Characteristics
Table 3 provides information on the characteristics of the output driver strengths. The values are
preliminary estimates.
2.2
Power Sequencing
This section details the power sequencing considerations for the MPC8349EA.
2.2.1
Power-Up Sequencing
MPC8349EA does not require the core supply voltage (VDD and AVDD) and I/O supply voltages (GVDD,
LVDD, and OVDD) to be applied in any particular order. During the power ramp up, before the power
Table 3. Output Drive Capability
Driver Type
Output Impedance
(
Ω)
Supply
Voltage
Local bus interface utilities signals
40
OVDD = 3.3 V
PCI signals (not including PCI output clocks)
25
PCI output clocks (including PCI_SYNC_OUT)
40
DDR signal
18
GVDD = 2.5 V
DDR2 signal
18
36 (half-strength mode)
GVDD = 1.8 V
TSEC/10/100 signals
40
LVDD = 2.5/3.3 V
DUART, system control, I2C, JTAG, USB
40
OVDD = 3.3 V
GPIO signals
40
OVDD = 3.3 V,
LVDD = 2.5/3.3 V
Undervoltage
Waveform
Overvoltage
Waveform
11 ns
(Min)
+7.1 V
7.1 V p-to-p
(Min)
4 ns
(Max)
–3.5 V
7.1 V p-to-p
(Min)
62.5 ns
+3.6 V
0 V
4 ns
(Max)


Similar Part No. - MPC8349ZUALDB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8349E FREESCALE-MPC8349E Datasheet
4Mb / 2P
   PowerQUICC II??Pro
MPC8349E FREESCALE-MPC8349E Datasheet
1,019Kb / 88P
   PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
MPC8349E FREESCALE-MPC8349E_07 Datasheet
1,019Kb / 88P
   PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
More results

Similar Description - MPC8349ZUALDB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8610EC FREESCALE-MPC8610EC Datasheet
1Mb / 96P
   Integrated Host Processor Hardware Specifications
MPC8640DEC FREESCALE-MPC8640DEC Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
MPC8347EA FREESCALE-MPC8347EA Datasheet
1Mb / 108P
   Integrated Host Processor Hardware Specifications
MPC8641DEC FREESCALE-MPC8641DEC Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
MC8610TPX1066JB FREESCALE-MC8610TPX1066JB Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8610EC NXP-MPC8610EC_V01 Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
Rev. 2, 01/2009
MPC8641D NXP-MPC8641D Datasheet
2Mb / 129P
   MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications
Rev. 3, 05/2014
logo
Freescale Semiconductor...
MPC8349E FREESCALE-MPC8349E_07 Datasheet
1,019Kb / 88P
   PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8343EAEC NXP-MPC8343EAEC Datasheet
928Kb / 80P
   MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
logo
Freescale Semiconductor...
MPC8347VRAGDB FREESCALE-MPC8347VRAGDB Datasheet
727Kb / 99P
   MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com