Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPAKMC332GMFC20 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # SPAKMC332GMFC20
Description  32-Bit Modular Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPAKMC332GMFC20 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  SPAKMC332GMFC20 Datasheet HTML 1Page - Freescale Semiconductor, Inc SPAKMC332GMFC20 Datasheet HTML 2Page - Freescale Semiconductor, Inc SPAKMC332GMFC20 Datasheet HTML 3Page - Freescale Semiconductor, Inc SPAKMC332GMFC20 Datasheet HTML 4Page - Freescale Semiconductor, Inc SPAKMC332GMFC20 Datasheet HTML 5Page - Freescale Semiconductor, Inc SPAKMC332GMFC20 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPAKMC332GMFC20 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPAKMC332GMFC20 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPAKMC332GMFC20 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
MOTOROLA
MC68332
2
MC68332TS/D
Table 1 Ordering Information
Package Type
TPU Type
Temperature
Frequency
(MHz)
Package
Order
Quantity
Order Number
132-Pin PQFP
Motion Control
–40 to +85
°C
16 MHz
2 pc tray
SPAKMC332GCFC16
36 pc tray
MC68332GCFC16
20 MHz
2 pc tray
SPAKMC332GCFC20
36 pc tray
MC68332GCFC20
–40 to +105
°C
16 MHz
2 pc tray
SPAKMC332GVFC16
36 pc tray
MC68332GVFC16
20 MHz
2 pc tray
SPAKMC332GVFC20
36 pc tray
MC68332GVFC20
–40 to +125
°C
16 MHz
2 pc tray
SPAKMC332GMFC16
36 pc tray
MC68332GMFC16
20 MHz
2 pc tray
SPAKMC332GMFC20
36 pc tray
MC68332GMFC20
Standard
–40 to +85
°C
16 MHz
2 pc tray
SPAKMC332CFC16
36 pc tray
MC68332CFC16
20 MHz
2 pc tray
SPAKMC332CFC20
36 pc tray
MC68332CFC20
–40 to +105
°C
16 MHz
2 pc tray
SPAKMC332VFC16
36 pc tray
MC68332VFC16
20 MHz
2 pc tray
SPAKMC332VFC20
36 pc tray
MC68332VFC20
–40 to +125
°C
16 MHz
2 pc tray
SPAKMC332MFC16
36 pc tray
MC68332MFC16
20 MHz
2 pc tray
SPAKMC332MFC20
36 pc tray
MC68332MFC20
Std w/enhanced
PPWA
–40 to +85
°C
16 MHz
2 pc tray
SPAKMC332ACFC16
36 pc tray
MC68332ACFC16
20 MHz
2 pc tray
SPAKMC332ACFC20
36 pc tray
MC68332ACFC20
–40 to +105
°C
16 MHz
2 pc tray
SPAKMC332AVFC16
36 pc tray
MC68332AVFC16
20 MHz
2 pc tray
SPAKMC332AVFC20
36 pc tray
MC68332AVFC20
–40 to +125
°C
16 MHz
2 pc tray
SPAKMC332AMFC16
36 pc tray
MC68332AMFC16
20 MHz
2 pc tray
SPAKMC332AMFC20
36 pc tray
MC68332AMFC20
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - SPAKMC332GMFC20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SPAKMC332GMFC20 MOTOROLA-SPAKMC332GMFC20 Datasheet
446Kb / 88P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
SPAKMC332GMFC20 FREESCALE-SPAKMC332GMFC20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
SPAKMC332GMFC20 FREESCALE-SPAKMC332GMFC20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
SPAKMC332GMFC20 FREESCALE-SPAKMC332GMFC20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
SPAKMC332GMFC20 FREESCALE-SPAKMC332GMFC20 Datasheet
465Kb / 88P
   Technical Summary 32-Bit Modular Microcontroller
More results

Similar Description - SPAKMC332GMFC20

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68332GCEH25 FREESCALE-MC68332GCEH25 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332ACEH20 FREESCALE-MC68332ACEH20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68CK331CAG16 FREESCALE-MC68CK331CAG16 Datasheet
598Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68331 MOTOROLA-MC68331 Datasheet
2Mb / 84P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68332ACEH16 FREESCALE-MC68332ACEH16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68F333 NXP-MC68F333 Datasheet
447Kb / 16P
   32-Bit Modular Microcontroller
MC68332 NXP-MC68332 Datasheet
855Kb / 88P
   32-Bit Modular Microcontroller
Rev. 2
MC68CK338 NXP-MC68CK338 Datasheet
1Mb / 133P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68331TS FREESCALE-MC68331TS Datasheet
616Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68332TS MOTOROLA-MC68332TS Datasheet
446Kb / 88P
   32-Bit Modular Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com