Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2430824 Datasheet(PDF) 11 Page - ITT Industries

Part # M2430824
Description  CONNECTORS, ELECTRIC, RECTANGULAR, NONENVIRONMENTAL, MINIATURE, POLARIZED SHELL, RACK AND PANEL, GENERAL SPECIFCATION FOR
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

M2430824 Datasheet(HTML) 11 Page - ITT Industries

Back Button M2430824 Datasheet HTML 7Page - ITT Industries M2430824 Datasheet HTML 8Page - ITT Industries M2430824 Datasheet HTML 9Page - ITT Industries M2430824 Datasheet HTML 10Page - ITT Industries M2430824 Datasheet HTML 11Page - ITT Industries M2430824 Datasheet HTML 12Page - ITT Industries M2430824 Datasheet HTML 13Page - ITT Industries M2430824 Datasheet HTML 14Page - ITT Industries M2430824 Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
11
3.5.3 Contact insertion and removal forces. The axial forces required to insert and remove removable contacts
shall conform to the applicable requirements in table I when tested as specified in 4.5.5.
TABLE I. Contact insertion and removal forces (pounds maximum).
Contact size
20
22D
Insertion
Removal
4
4
4
4
3.5.4 Mating and unmating force. The force for mating and unmating of counterpart connectors shall meet the
requirements in table II. The connectors used in this test shall have the complete complement of contacts. Testing
shall be as specified in 4.5.6.
TABLE II. Mating and unmating forces (pounds).
Shell
size
Unmating
Mating
Minimum
Maximum
Maximum
Class
Class
Class
G, D, M,
N
H, K
G, D, M,
N
H, K
G, D, M, N
H, K
1
0.75
1.50
6.0
7.00
10.0
7.25
2
1.00
2.00
10.0
13.00
17.0
13.00
3
1.75
3.25
17.0
21.25
28.0
21.25
4
2.50
4.50
24.0
31.25
39.0
31.25
5
3.25
5.50
30.0
42.25
49.0
42.25
6
4.50
----
39.0
-----
65.0
-----
3.5.5 Contact retention. Contacts for classes G, D, M, and N connectors shall be retained in their inserts by a
9-pound (minimum) force. The axial displacement of contacts shall not exceed .012 inch (0.30 mm) while under load
(see 4.5.7).
3.5.6 Dielectric withstanding voltage. Unmated connectors shall show no evidence of breakdown or flashover when
subjected to the test voltages and altitudes specified in tables III and IV. Corona shall not be considered as
breakdown. Testing shall be as specified in 4.5.8.
TABLE III. Type I and II test voltage (Volts rms, 60 Hz). 1/
Altitude
Humidity conditioned
(see 4.5.15)
All other
Conditions
Classes
G, D, M, N
Classes
H, K
Classes
G, D, M, N
Classes
H, K
Sea level
600
400
1,000
750
70,000 feet
---
---
325
175
1/ These are not working voltages.


Similar Part No. - M2430824

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M2430821F AMPHENOL-M2430821F Datasheet
1Mb / 32P
   D-Sub Connectors D- Sub-01 Rev. 10 / 10
More results

Similar Description - M2430824

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPXBMA-A106-33S-0001 ETC2-DPXBMA-A106-33S-0001 Datasheet
748Kb / 34P
   one-piece shell miniature rack/panel connectors
logo
Vishay Siliconix
SM20 VISHAY-SM20 Datasheet
216Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 15-Feb-07
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 05-May-09
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
01-Jan-2022
logo
ITT Industries
DPA ITT-DPA Datasheet
127Kb / 4P
   Miniature Rack and Panel
logo
Hirose Electric
QRP8-12P-C HIROSE-QRP8-12P-C_09 Datasheet
280Kb / 5P
   Ultra-small Rectangular Multi-electrode solderless Connectors for Rack and Panel Applications
QR-P8 HIROSE-QR-P8 Datasheet
247Kb / 4P
   Ultra-small Rectangular Multi-electrode Solderless Connectors for Rack and Panel Applications
QRP6-12P-C HIROSE-QRP6-12P-C Datasheet
203Kb / 4P
   RECTANGULAR MINIATURE MULTI-CONTACT RACK/PANEL CRIMP CONNECTOR
QR-P6 HIROSE-QR-P6 Datasheet
247Kb / 4P
   RECTANGULAR MINIATURE MULTI-CONTACT RACK-PANEL CRIMP CONNECTOR
QRP8-12P-C HIROSE-QRP8-12P-C Datasheet
202Kb / 4P
   Ultra-small Rectangular Multi-electrode solderless Connectors for Rack and Panel Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com