Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

91A1D-B28-T10 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 91A1D-B28-T10
Description  Virtually infi nite electrical circuit isolation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

91A1D-B28-T10 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  91A1D-B28-T10 Datasheet HTML 1Page - Bourns Electronic Solutions 91A1D-B28-T10 Datasheet HTML 2Page - Bourns Electronic Solutions 91A1D-B28-T10 Datasheet HTML 3Page - Bourns Electronic Solutions 91A1D-B28-T10 Datasheet HTML 4Page - Bourns Electronic Solutions 91A1D-B28-T10 Datasheet HTML 5Page - Bourns Electronic Solutions 91A1D-B28-T10 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Model 91, 92, 93, 94 & 95 - 5/8 ” Square Single-Turn Panel Control
Product Dimensions
Model 91 PC Pin Terminals, In-Line
Model 93 PC Pin Terminals, "L" Pattern
.41
(.016)
Model 95 Solder Lug Terminals, "Triangular" Pattern
10.16
(.40)
4.45 ± .38
(.175 ± .015)
5.59 ± .20
(.220 ± .008)
4.45 ± .38
(.175 ± .015)
2.54
(.100)
2.54
(.100)
5.08 ± 1.02
(.200 ± .040)
2.03
(.080)
3 PLCS.
(.040)
WIDE X
(.090)
LONG
3 PLCS.
1.02
2.29
5.08
(.20)
Model 92 J-Hooked
Terminals, In-Line
Model 94 J-Hooked
Terminals, "L" Pattern
1.52
(.06)
.254
(.010)
GAP
.79
(.031) 2 PLCS.
321
5.33 ± .76
(.21 ± .03)
1.52
(.06)
GAP
.81
(.032)
R. MAX.
3.81
(.150)
MAX. TYP.
321
120 ° ± 5 ° STD.
FLAT ORIENTATION
(SHAFT AT CCW END)
1
3
CCW
2
POTENTIOMETER
Shaft Flat Orientation
DIA.
13.72 ± 0.38
(.540 ± .015)
15.88
(.625)
22.86 ± 0.43
(.900 ± .017)
12.70 ± .229
(.500 ± .009)
MOUNTING
SURFACE
0.76 ± 0.05
(.030 ± .002)
TYP.
2.54
(.100)
2.54
(.100)
0.79 ± .025
(.031 ± .010)
1.19
(.047)
“A” STYLE
A.R. LUG
R
1.37 ± 0.08
(.054 ± .003)
2.36 ± 0.08
(.093 ± .003)
7.92
(.312)
9.53
(.375)
15.29 ± 0.56
(.602 ± .022)
SEE
HOW TO ORDER
CHART FOR
BUSHING OPTIONS.
SEE
NEXT PAGE
FOR SHAFT
OPTIONS.
10.16 ± 0.30
(.400 ± .012)
33
22
11
R2
R1
11.05 ± 0.20
(.435 ± .008)
DIA.
13.72 ± 0.38
(.540 ± .015)
15.88
(.625)
22.86 ± 0.43
(.900 ± .017)
12.70 ± .229
(.500 ± .009)
MOUNTING
SURFACE
0.76 ± 0.05
(.030 ± .002)
TYP.
2.54
(.100)
2.54
(.100)
0.79 ± .025
(.031 ± .010)
1.19
(.047)
“A” STYLE
A.R. LUG
R
1.37 ± 0.08
(.054 ± .003)
2.36 ± 0.08
(.093 ± .003)
7.92
(.312)
9.53
(.375)
12.7 ± 1.02
(.500 ± .040)
SEE
HOW TO ORDER
CHART FOR
BUSHING OPTIONS.
SEE
NEXT PAGE
FOR SHAFT
OPTIONS.
10.16 ± 0.30
(.400 ± .012)
33
22
11
R2
R1
11.05 ± 0.20
(.435 ± .008)
0.81
(.032)
DIA.
TYP.
5.08 ± 0.38
(.200 ± .015)
TOLERANCES EXCEPT AS SHOWN: DECIMAL .XXX ±
(.015 )
FRACTION ± 1/64
.XX ±
(.38)
ANGLE ±5 °
.381
9.65
L
L
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Similar Part No. - 91A1D-B28-T10

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
91A1D-B28-A13/A15 BOURNS-91A1D-B28-A13/A15 Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91A1D-B28-A13/A15L BOURNS-91A1D-B28-A13/A15L Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91A1D-B28-A13/R51 BOURNS-91A1D-B28-A13/R51 Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91A1D-B28-A13/R51L BOURNS-91A1D-B28-A13/R51L Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91A1D-B28-A15/A15 BOURNS-91A1D-B28-A15/A15 Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
More results

Similar Description - 91A1D-B28-T10

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
93R1A-R22-A05L BOURNS-93R1A-R22-A05L Datasheet
315Kb / 5P
   Virtually infi nite electrical circuit isolation
3269X-1-103GLF BOURNS-3269X-1-103GLF Datasheet
442Kb / 2P
   Square SMD Trimpot Trimming Potentiometer Stable, infi nite resolution cermet element
logo
Keysight Technologies
DSOX2WAVEGEN KEYSIGHT-DSOX2WAVEGEN Datasheet
5Mb / 23P
   Infi niiVision 2000
logo
PHOENIX CONTACT
2731102 PHOENIX-2731102 Datasheet
105Kb / 5P
   Termination board, with electrical isolation
logo
Keysight Technologies
DSOX3VID KEYSIGHT-DSOX3VID Datasheet
5Mb / 29P
   Infi niiVision 3000
DSOX3ADVMATH KEYSIGHT-DSOX3ADVMATH Datasheet
5Mb / 29P
   Infi niiVision 3000
MSOX2022A KEYSIGHT-MSOX2022A Datasheet
5Mb / 23P
   Infi niiVision 2000 X-series
DSOX2012A KEYSIGHT-DSOX2012A Datasheet
5Mb / 23P
   Infi niiVision 2000 X-series
DSOX2024A KEYSIGHT-DSOX2024A Datasheet
5Mb / 23P
   Infi niiVision 2000 X-series
logo
PHOENIX CONTACT
2725260 PHOENIX-2725260 Datasheet
114Kb / 6P
   PCI master controller board with electrical isolation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com