Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

91C1D-D20-D18 Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # 91C1D-D20-D18
Description  Virtually infi nite electrical circuit isolation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

91C1D-D20-D18 Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  91C1D-D20-D18 Datasheet HTML 1Page - Bourns Electronic Solutions 91C1D-D20-D18 Datasheet HTML 2Page - Bourns Electronic Solutions 91C1D-D20-D18 Datasheet HTML 3Page - Bourns Electronic Solutions 91C1D-D20-D18 Datasheet HTML 4Page - Bourns Electronic Solutions 91C1D-D20-D18 Datasheet HTML 5Page - Bourns Electronic Solutions 91C1D-D20-D18 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
How to Order Model 91, 92, 93, 94 & 95 Panel Controls
REV. 05/13
9 1
A
2
A
-
A
2 8
-
A
1 5
/
A 1 5
L
ELEMENT TAPER
RESISTANCE CODE
TYPE/TOLERANCE
VALUE IN OHMS
(A)
Linear Cermet ±10 %
(05) - 100
(30) - 15 K
(H)
Linear Cermet ±5 %
(28) - 150
(16) - 20 K
(06) - 200
(17) - 25 K
(07) - 250
(18) - 50 K
(08) - 500
(20) - 100 K
(10) - 1 K
(21) - 200 K
(11) - 2 K
(22) - 250 K
(12) - 2.5 K
(23) - 500 K
(13) - 5 K
(25) - 1 M
(15) - 10 K
(B)
Linear C-P ±20 %
(10) - 1 K
(18) - 50 K
(E)
Linear C-P ±10 %
(12) - 2.5 K
(20) - 100 K
(13) - 5 K
(22) - 250 K
(15) - 10 K
(23) - 500 K
(16) - 20 K
(25) - 1 M
(17) - 25 K
(C)
CW Audio Cermet ±10 %
(10) - 1 K
(18) - 50 K
(D)
CW Audio C-P ±20 %
(12) - 2.5 K
(20) - 100 K
(F)
CCW Audio Cermet ±10 %
(13) - 5 K
(22) - 250 K
(G)
CCW Audio C-P ±20 %
(15) - 10 K
(23) - 500 K
(S)
CW Audio C-P ±10 %
(17) - 25 K
(25) - 1 M
(T)
CCW Audio C-P ± 10 %
AVAILABLE ONLY IN
SHAFT TYPE
LENGTHS
BUSHINGS
(CODE)
(CODE)
B
Plastic Single Slotted 1/4 " (6.35 mm) D
16, 20, 24, 28
A
C
Plastic Single Flatted 1/4" (6.35 mm) D
24, 28
A
D
Plastic Single Plain 1/8" (3.18 mm) D
16, 20, 24
C
R
Plastic Single Slotted 6 mm D
Metric 16, 22
R
T
Plastic Single Slotted 4 mm D
Metric 16, 22
U
W
Plastic Single Knurled 1/4" (6.35 mm) D
32
A
A
Metal Single Plain 1/4" (6.35 mm) D
16, 20, 24
A
E
Metal Single Slotted 1/8" (3.18 mm) D
16, 20, 24
C
G
Metal Single Slotted 1/4" (6.35 mm) D
16, 20, 24, 28
A
H
Metal Single Flatted 1/4" (6.35 mm) D
24, 28
A
J
Metal Single Slotted 6 mm D
Metric 16, 22
R
S
Metal Single Flatted 6 mm D
Metric 16, 22
R
V
Metal Single Slotted 4 mm D
Metric 16, 22
U
A
Metal Plain 3/8 ” (9.53 mm) D x 3/8 ” (9.53 mm) L
C
Metal Plain 1/4 ” (6.35 mm) D x 1/4 ” (6.35 mm) L
R
Metal Plain 10 mm D x 9 mm L
U
Metal Plain 7 mm D x 9 mm L
MODEL
91
Single-Turn, In-Line PC Pins
92
Single-Turn, In-Line J-Hooks
93
Single-Turn, L-Pattern PC Pins
94
Single-Turn, L-Pattern J-Hooks
95
Single-Turn, Triangle-Pattern Solder Lugs
# SECTIONS
1
Single
2
Dual
BUSHING
A
Single .305 ” (7.8 mm) R,
90 °CW
D
No Lug
ANTI-ROTATION LUG
RoHS IDENTIFIER
Compliant
L
Part number for multiple section potentiometers must have
a taper and resistance value for each section.
Boldface features are Bourns standard options.
All others are available with higher minimum order
quantities.
SHAFT
AVAILABLE
LENGTH
ONLY IN
(FMS)
BUSHING
Code
Description
Code
16
1/2 ”L
A, C
20
5/8 ”L
A, C
24
3/4 ”L
A, C
28
7/8 ”L
A
32
1 ”L
A
METRIC
16
16 mmL
R, U
22
22 mmL
R, U


Similar Part No. - 91C1D-D20-D18

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
91C1D-D16-A BOURNS-91C1D-D16-A Datasheet
218Kb / 5P
   91, 92, 93, 94, 95, 96, 99 - 5/8 ??Square Single-Turn Panel Control 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
More results

Similar Description - 91C1D-D20-D18

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
93R1A-R22-A05L BOURNS-93R1A-R22-A05L Datasheet
315Kb / 5P
   Virtually infi nite electrical circuit isolation
3269X-1-103GLF BOURNS-3269X-1-103GLF Datasheet
442Kb / 2P
   Square SMD Trimpot Trimming Potentiometer Stable, infi nite resolution cermet element
logo
Keysight Technologies
DSOX2WAVEGEN KEYSIGHT-DSOX2WAVEGEN Datasheet
5Mb / 23P
   Infi niiVision 2000
logo
PHOENIX CONTACT
2731102 PHOENIX-2731102 Datasheet
105Kb / 5P
   Termination board, with electrical isolation
logo
Keysight Technologies
DSOX3VID KEYSIGHT-DSOX3VID Datasheet
5Mb / 29P
   Infi niiVision 3000
DSOX3ADVMATH KEYSIGHT-DSOX3ADVMATH Datasheet
5Mb / 29P
   Infi niiVision 3000
MSOX2022A KEYSIGHT-MSOX2022A Datasheet
5Mb / 23P
   Infi niiVision 2000 X-series
DSOX2012A KEYSIGHT-DSOX2012A Datasheet
5Mb / 23P
   Infi niiVision 2000 X-series
DSOX2024A KEYSIGHT-DSOX2024A Datasheet
5Mb / 23P
   Infi niiVision 2000 X-series
logo
PHOENIX CONTACT
2725260 PHOENIX-2725260 Datasheet
114Kb / 6P
   PCI master controller board with electrical isolation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com