Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBMP17C2P-JK87 Datasheet(PDF) 6 Page - ITT Industries

Part # DBMP17C2P-JK87
Description  A Historical Achievement of Technology Leadership
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMP17C2P-JK87 Datasheet(HTML) 6 Page - ITT Industries

Back Button DBMP17C2P-JK87 Datasheet HTML 2Page - ITT Industries DBMP17C2P-JK87 Datasheet HTML 3Page - ITT Industries DBMP17C2P-JK87 Datasheet HTML 4Page - ITT Industries DBMP17C2P-JK87 Datasheet HTML 5Page - ITT Industries DBMP17C2P-JK87 Datasheet HTML 6Page - ITT Industries DBMP17C2P-JK87 Datasheet HTML 7Page - ITT Industries DBMP17C2P-JK87 Datasheet HTML 8Page - ITT Industries DBMP17C2P-JK87 Datasheet HTML 9Page - ITT Industries DBMP17C2P-JK87 Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 103 page
background image
6
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D®
Non Magnetic / Low Outgassing
Connector Assembly (Shells- Gold over Copper) (Modifier NMBK52)
Shell
Brass per QQ-B-613
Gold 50 microinches min., thickness per MIL-G-45204,
Type II, Class1 over copper per MIL-C-14550
Insulator
Polycyclohexle Dimethyl, Terephthalate
None
or Polyphenylene, Sulfide co-polymer
per MIL-DTL-24308 white or black in color
Float Mount, Brackets, Captive Nuts Hardware Brass
Gold
Coaxial/High Power/High Voltage Contact Assemblies
Outer Coaxial Shell
CopperAlloy
Gold microinches min.thickness per MIL-G-45204, Type II,
Class 1 over copper per MIL-C-14550
Center Coaxial Contact
CopperAlloy
Gold microinches min.thickness per MIL-G-45204, Type II,
Class 1 over copper per MIL-C-14550
Insulator (Coaxial only)
Teflon
None
Insulator (Coaxial Only)
Teflon
None
Retaining Ring
Copper alloy
Gold
High Power Contact
Copper alloy
Gold microinches min.thickness per MIL-G-45204, Type II,
Class 1 over copper per MIL-C-14550
Connector Assembly (Shells- Yellow Chromate over Cadmium) (Modifier “NMB”)
Shell
Brass per QQ-B-613
Yellow chromate over cadmium QQ-P-46,Type II, Class 2
Insulator
Polycyclohexle Dimethyl, Terephthalate
None
or Polyphenylene, Sulfide co-polymer
per MIL-DTL-24308 white or black in color
Contact
CopperAlloy
Gold 50 microinches min. thickness per MIL-G-45204,
Type II, Class 1 over copper per MIL-C-14550
Float Mount, Brackets, Captive Nuts Hardware Brass
Yellow chromate over cadmium QQ-P-416, Type II, Class 2
Materials and Finishes


Similar Part No. - DBMP17C2P-JK87

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DBMP17C2P-JK87 ITT-DBMP17C2P-JK87 Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DBMP17C2P-JK87 ITT-DBMP17C2P-JK87 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
More results

Similar Description - DBMP17C2P-JK87

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DBMN-25S-N-A197 ITT-DBMN-25S-N-A197 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DBMM-9W4P ITT-DBMM-9W4P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DCMM8W8P ITT-DCMM8W8P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DDMN-50P-N-K87 ITT-DDMN-50P-N-K87 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
M85049 ITT-M85049 Datasheet
2Mb / 28P
   A Historical Achievement of Technology Leadership
DBMC13C3SJA197 ITT-DBMC13C3SJA197 Datasheet
4Mb / 103P
   A Historical Achievement of Technology Leadership
192990-0350 ITT-192990-0350_11 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
DCMM-8W8P ITT-DCMM-8W8P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
logo
Broadcom Corporation.
SAS3216 BOARDCOM-SAS3216 Datasheet
668Kb / 2P
   Extending RAID and SAS Technology Leadership, Avago Introduces
logo
Microchip Technology
RE46C141S16F MICROCHIP-RE46C141S16F Datasheet
249Kb / 12P
   A Subsidiary of Microchip Technology Inc.
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com