Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8358EVVAGDEA Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8358EVVAGDEA
Description  MPC8360E/MPC8358E PowerQUICC II Pro Processor
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358EVVAGDEA Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8358EVVAGDEA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8358EVVAGDEA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8358EVVAGDEA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8358EVVAGDEA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8358EVVAGDEA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8358EVVAGDEA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8358EVVAGDEA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8358EVVAGDEA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8358EVVAGDEA Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
10
Freescale Semiconductor
Overall DC Electrical Characteristics
This figure shows the undershoot and overshoot voltages at the interfaces of the device.
Figure 3. Overshoot/Undershoot Voltage for GVDD/OVDD/LVDD
PCI, local bus, DUART, system control and power management, I2C,
SPI, and JTAG I/O voltage
OVDD
3.3 V ± 330 mV
V
Junction temperature
TJ
0 to 105
–40 to 105
° C
2
Notes:
1. GVDD, LVDD, OVDD, AVDD, and VDD must track each other and must vary in the same direction—either in the positive or
negative direction.
2. The operating conditions for junction temperature, TJ, on the 600/333/400 MHz and 500/333/500 MHz on rev. 2.0 silicon is
0
° to 70 ° C. Refer to Errata General9 in Chip Errata for the MPC8360E, Rev. 1.
3. For more information on Part Numbering, refer to Table 80.
Table 2. Recommended Operating Conditions (continued)
Characteristic
Symbol
Recommended
Value
Unit
Notes
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
G/L/OVDD + 20%
G/L/OVDD
G/L/OVDD + 5%
of tinterface
1
1. Note that tinterface refers to the clock period associated with the bus clock interface.
VIH
VIL
Note:


Similar Part No. - MPC8358EVVAGDEA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8358EVVAGDEA FREESCALE-MPC8358EVVAGDEA Datasheet
612Kb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
More results

Similar Description - MPC8358EVVAGDEA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8377E FREESCALE-MPC8377E_12 Datasheet
2Mb / 127P
   PowerQUICC II Pro Processor
MPC8379E FREESCALE-MPC8379E_12 Datasheet
2Mb / 117P
   PowerQUICC II Pro Processor
MPC8378E FREESCALE-MPC8378E_12 Datasheet
2Mb / 128P
   PowerQUICC II Pro Processor
MPC8309 FREESCALE-MPC8309 Datasheet
311Kb / 2P
   PowerQUICC II Pro Processor
MPC8308-RDB FREESCALE-MPC8308-RDB Datasheet
349Kb / 2P
   MPC8308 PowerQUICC II Pro processor up
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8313EEC FREESCALE-MPC8313EEC Datasheet
1Mb / 100P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E Datasheet
1Mb / 124P
   PowerQUICC??II Pro Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com