Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT50K10K Datasheet(PDF) 1 Page - Tyco Electronics

Part # CBT50K10K
Description  Type CBT Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CBT50K10K Datasheet(HTML) 1 Page - Tyco Electronics

  CBT50K10K Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Carbon Composition Resistors
Type CBT Series
Literature No. 1773192
Issued: 12-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Key Features
I Designed for Pulse Withstand
I Range of Resistance
Tolerances
I Solid Carbon Composition
I Low Cost, High Performance
I Two Sizes Available
I Wide Range of Resistance
Values
I Supplied Ammo Pack in
boxes of 2000
Type CBT Series
The
CBT
series
of
resistors
is
constructed utilising solid carbon
composition, which is the traditional
medium for absorbing high energy
pulses, in cases of high inrush current.
These resistors have evolved over
many years to have excellent pulse
withstand capabilities, whilst remaining
very
stable.
These
improved
characteristics have been achieved by
prudent selection of materials of
optimum physical properties and
by advances in the manufacturing
process.
Characteristics -
Electrical
Characteristics -
Environmental
Operating Temperature Range:
-55°C to +125°C
Temperature Cycles:
∆R/R ± 2%
(-55°C to +125°C, 5 cycles)
Load Life (1000 hours at 70°C):
∆R/R ± 10%
Resistance to Solder Heat:
∆R/R ± 3%
(350°C for 3 seconds)
Short Time Overload:
∆R/R ± 2%
(2.5 x Rated Power for 5 seconds)
Humidity (40°C, 95%RH, 240 hrs):
∆R/R ± 3%
CBT25
CBT50
Power at 70°C Ambient:
0.25 Watts Derating to 0 at +125°C
0.5 Watts Derating to 0 at +125°C
Maximum Voltage:
250 Volts
350 Volts
Resistance Range:
1R0 - 5M6
1R0 - 22M
Resistance Values:
5% E24 Series 10% E12 Series 20% E6 Series
Voltage Coefficient:
± 0.035%/V
± 0.035%/V
Limiting Element Voltage:
250 Volts
350 Volts
Maximum Overload Voltage:
400 Volts
700 Volts
Insulation Resistance:
1000 M minimum
Dimensions-
Style
L
D
l
d
CBT25
6.3 ± 0.7
2.4 ± 0.1
27 min.
0.6
CBT50
9.5±0.8
3.6±0.2
25 min.
0.7
Pulse Withstand Characteristics
Charging and Discharging a 2000 pF Capacitor for 100 Cycles
How to Order
CBT
25
J
10K
Common Part
25 - 0.25W
50 - 0.5W
Size
1 ohm
(1 ohm) 1R0
1K ohm
(1000 ohms) 1K
100K ohm
(100000 ohms) 100K
1M ohm
(1000000 ohms) 1M
Resistance Value
Tolerance
Carbon Composition
Resistor
J - ±5%
K - ±10%
M - ±20%
0
2
4
6
8
10
12
14
Voltage (kv)
10
0
-10
-20
-30
a
b
c
CBT25
a: 1.2M
b: 33k
c: 1k
0
2
4
6
8
10
12
14
Voltage (kv)
10
0
-10
-20
-30
a
b
c
CBT50
a: 1.2M
b: 10k
c: 1k


Similar Part No. - CBT50K10K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CBT5ϼ�100D ETC-CBT5ϼ�100D Datasheet
3Mb / 16P
   Compact Design Pneumatic Cylinder/ Switch Set
CBT5ϼ�100S ETC-CBT5ϼ�100S Datasheet
3Mb / 16P
   Compact Design Pneumatic Cylinder/ Switch Set
CBT5ϼ�105D ETC-CBT5ϼ�105D Datasheet
3Mb / 16P
   Compact Design Pneumatic Cylinder/ Switch Set
CBT5ϼ�110D ETC-CBT5ϼ�110D Datasheet
3Mb / 16P
   Compact Design Pneumatic Cylinder/ Switch Set
CBT5ϼ�40S ETC-CBT5ϼ�40S Datasheet
3Mb / 16P
   Compact Design Pneumatic Cylinder/ Switch Set
More results

Similar Description - CBT50K10K

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
320 DBLECTRO-320 Datasheet
323Kb / 1P
   SCREW TYPE SERIES
logo
Tyco Electronics
HB15M0FZRE MACOM-HB15M0FZRE Datasheet
111Kb / 2P
   Type HB Series
SQMW533RJ MACOM-SQMW533RJ Datasheet
250Kb / 3P
   Type SQ Series
logo
List of Unclassifed Man...
EP3WS47RJ ETC2-EP3WS47RJ Datasheet
230Kb / 5P
   Type EP Series
logo
Tyco Electronics
CRG0603F10K MACOM-CRG0603F10K Datasheet
131Kb / 3P
   Type CRG Series
TW1102KA MACOM-TW1102KA Datasheet
72Kb / 1P
   Type TW Series
UPW50B250RV MACOM-UPW50B250RV Datasheet
363Kb / 2P
   Type UPW Series
H847K5BYA MACOM-H847K5BYA Datasheet
196Kb / 4P
   Type HOLCO Series
logo
List of Unclassifed Man...
3521150KFT ETC2-3521150KFT Datasheet
105Kb / 2P
   Type 3521 Series
logo
Tyco Electronics
RL731H MACOM-RL731H Datasheet
177Kb / 5P
   Type RL73 Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com