Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19712 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX19712
Description  10-Bit, 22Msps, Full-Duplex Analog Front-End
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19712 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX19712 Datasheet HTML 1Page - Maxim Integrated Products MAX19712 Datasheet HTML 2Page - Maxim Integrated Products MAX19712 Datasheet HTML 3Page - Maxim Integrated Products MAX19712 Datasheet HTML 4Page - Maxim Integrated Products MAX19712 Datasheet HTML 5Page - Maxim Integrated Products MAX19712 Datasheet HTML 6Page - Maxim Integrated Products MAX19712 Datasheet HTML 7Page - Maxim Integrated Products MAX19712 Datasheet HTML 8Page - Maxim Integrated Products MAX19712 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
10-Bit, 22Msps, Full-Duplex
Analog Front-End
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3V, OVDD = 1.8V, internal reference (1.024V), CL
≈ 10pF on all digital outputs, fCLK = 22MHz (50% duty cycle), Rx ADC input
amplitude = -0.5dBFS, Tx DAC output amplitude = 0dBFS, CM1 = 0, CM0 = 0, differential Rx ADC input, differential Tx DAC output,
CREFP = CREFN = CCOM = 0.33µF, CL < 5pF on all aux-DAC outputs, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Tx DAC DC ACCURACY
Resolution
N
10
Bits
Integral Nonlinearity
INL
±0.3
LSB
Differential Nonlinearity
DNL
Guaranteed monotonic (Note 6)
-0.75
±0.2
+0.75
LSB
Residual DC Offset
VOS
-4
±0.03
+4
mV
Full-Scale Gain Error
-40
±0.8
+40
mV
Tx DAC DYNAMIC PERFORMANCE
DAC Conversion Rate
fCLK
(Note 2)
22
MHz
In-Band Noise Density
ND
fOUT = 2.2MHz
-129
dBFS/Hz
Third-Order Intermodulation
Distortion
IM3
fOUT1 = 2MHz, fOUT2 = 2.2MHz
-70
dBc
Glitch Impulse
10
pVs
Spurious-Free Dynamic Range to
Nyquist
SFDR
fOUT = 2.2MHz
61
72.9
dBc
Total Harmonic Distortion to
Nyquist
THD
fOUT = 2.2MHz
-71
-60.5
dBc
Signal-to-Noise Ratio to Nyquist
SNR
fOUT = 2.2MHz
59.3
dB
Tx DAC INTERCHANNEL CHARACTERISTICS
I-to-Q Output Isolation
fOUTX,Y = 2MHz, fOUTY,X = 2.2MHz
88
dB
Gain Mismatch Between I and Q
Channels
Measured at DC
-0.4
±0.01
+0.4
dB
Phase Mismatch Between I and Q
Channels
fOUT = 2.2MHz
±0.1
Degrees
Differential Output Impedance
800
Ω
Tx DAC ANALOG OUTPUT
Full-Scale Output Voltage
VFS
±400
mV
Bits CM1 = 0, CM0 = 0 (default)
1.29
1.36
1.42
Bits CM1 = 0, CM0 = 1
1.14
1.2
1.27
Bits CM1 = 1, CM0 = 0
0.96
1.05
1.15
Output Common-Mode Voltage
VCOMD
Bits CM1 = 1, CM0 = 1
0.78
0.89
1.03
V
Rx ADC–Tx DAC INTERCHANNEL CHARACTERISTICS
Receive Transmit Isolation
ADC fINI = fINQ = 5.5MHz, DAC fOUTI =
fOUTQ = 2.2MHz
85
dB
AUXILIARY ADCs (ADC1, ADC2)
Resolution
N
10
Bits
AD1 = 0 (default)
2.048
Full-Scale Reference
VREF
AD1 = 1
VDD
V


Similar Part No. - MAX19712

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19712EVCMODU++ MAXIM-MAX19712EVCMODU+ Datasheet
685Kb / 21P
   Low-Voltage and Low-Power Operation
Rev 1; 6/07
MAX19712EVKIT++ MAXIM-MAX19712EVKIT+ Datasheet
685Kb / 21P
   Low-Voltage and Low-Power Operation
Rev 1; 6/07
More results

Similar Description - MAX19712

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19710 MAXIM-MAX19710 Datasheet
818Kb / 37P
   10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19711 MAXIM-MAX19711 Datasheet
957Kb / 36P
   10-Bit, 11Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19713 MAXIM-MAX19713 Datasheet
879Kb / 37P
   10-Bit, 45Msps, Full-Duplex Analog Front-End
Rev 1; 9/06
logo
National Semiconductor ...
TP5510 NSC-TP5510 Datasheet
197Kb / 12P
   Full Duplex Analog Front End for Consumer Applications
logo
Maxim Integrated Produc...
MAX5864 MAXIM-MAX5864 Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
logo
Texas Instruments
LM9810 TI1-LM9810 Datasheet
290Kb / 22P
[Old version datasheet]   10/12-Bit Image Sensor Processor Analog Front End
logo
Maxim Integrated Produc...
MAX19707 MAXIM-MAX19707 Datasheet
541Kb / 37P
   10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com