Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4812IP Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # ML4812IP
Description  Power Factor Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4812IP Datasheet(HTML) 2 Page - Fairchild Semiconductor

  ML4812IP Datasheet HTML 1Page - Fairchild Semiconductor ML4812IP Datasheet HTML 2Page - Fairchild Semiconductor ML4812IP Datasheet HTML 3Page - Fairchild Semiconductor ML4812IP Datasheet HTML 4Page - Fairchild Semiconductor ML4812IP Datasheet HTML 5Page - Fairchild Semiconductor ML4812IP Datasheet HTML 6Page - Fairchild Semiconductor ML4812IP Datasheet HTML 7Page - Fairchild Semiconductor ML4812IP Datasheet HTML 8Page - Fairchild Semiconductor ML4812IP Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ML4812
2
REV. 1.0 10/10/2000
PIN CONFIGURATION
PIN
NAME
FUNCTION
1
ISENSE
Input from the current sense
transformer to the non-inverting input
of the PWM comparator.
2
GM OUT
Output of gain modulator.
A resistor to ground on this pin
converts the current to a voltage.
This pin is clamped to 5V and tied
to the inverting input of the PWM
comparator.
3
EA OUT
Output of error amplifier.
4
EA–
Inverting input to error amplifier.
5
OVP
Input to over voltage comparator.
6
ISINE
Current gain modulator input.
7
RAMP
COMP
Buffered output from the oscillator
ramp (CT). A resistor to ground sets the
current which is internally subtracted
from the product of ISINE and IEA in
the gain modulator.
PIN
NAME
FUNCTION
8RT
Oscillator timing resistor pin. A 5V
source sets a current in the external
resistor which is mirrored to charge
CT.
9
CLOCK
Digital clock output.
10
SHDN
A TTL compatible low level on this pin
turns off the output.
11
PWR GND Return for the high current totem pole
output.
12
OUT
High current totem pole output.
13
VCC
Positive Supply for the IC.
14
VREF
Buffered output for the 5V voltage
reference.
15
GND
Analog signal ground.
16
CT
Timing capacitor for the oscillator.
PIN DESCRIPTION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ISENSE
GM OUT
EA OUT
EA–
OVP
ISINE
RAMP COMP
RT
CT
GND
VREF
VCC
OUT
PWR GND
SHDN
CLOCK
TOP VIEW
ML4812
16-Pin PDIP (P16)
TOP VIEW
ML4812
20-Pin PLCC (Q20)
EA OUT
EA–
NC
OVP
ISINE
VREF
VCC
NC
OUT
PWR GND
4
5
6
7
8
18
17
16
15
14
32
1 20 19
910 11 12 13


Similar Part No. - ML4812IP

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4812IP MICRO-LINEAR-ML4812IP Datasheet
215Kb / 16P
   Power Factor Controller
More results

Similar Description - ML4812IP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
   Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
   POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
   Power Factor Controller
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com