Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19710 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX19710
Description  10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19710 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX19710 Datasheet HTML 7Page - Maxim Integrated Products MAX19710 Datasheet HTML 8Page - Maxim Integrated Products MAX19710 Datasheet HTML 9Page - Maxim Integrated Products MAX19710 Datasheet HTML 10Page - Maxim Integrated Products MAX19710 Datasheet HTML 11Page - Maxim Integrated Products MAX19710 Datasheet HTML 12Page - Maxim Integrated Products MAX19710 Datasheet HTML 13Page - Maxim Integrated Products MAX19710 Datasheet HTML 14Page - Maxim Integrated Products MAX19710 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Typical Operating Characteristics (continued)
(VDD = 3V, OVDD = 1.8V, internal reference (1.024V), CL
≈ 10pF on all digital outputs, fCLK = 7.5MHz (50% duty cycle), Rx ADC
input amplitude = -0.5dBFS, Tx DAC output amplitude = 0dBFS, CM1 = 0, CM0 = 0, differential Rx ADC input, differential Tx DAC
output, CREFP = CREFN = CCOM = 0.33µF, TA = +25°C, unless otherwise noted.)
10-Bit, 7.5Msps, Full-Duplex
Analog Front-End
______________________________________________________________________________________
11
Rx ADC SIGNAL-TO-NOISE AND DISTORTION
RATIO vs. ANALOG INPUT AMPLITUDE
ANALOG INPUT AMPLITUDE (dBFS)
-30
-25
-20
-15
-10
-5
0
20
25
30
35
40
45
50
55
60
fIN = 1.875MHz
QA
IA
Rx ADC TOTAL HARMONIC DISTORTION
vs. ANALOG INPUT AMPLITUDE
ANALOG INPUT AMPLITUDE (dBFS)
-30
-25
-20
-15
-10
-5
0
30
35
40
45
50
55
60
65
70
75
80
fIN = 1.875MHz
QA
IA
Rx ADC SPURIOUS-FREE DYNAMIC RANGE
vs. ANALOG INPUT AMPLITUDE
ANALOG INPUT AMPLITUDE (dBFS)
-30
-25
-20
-15
-10
-5
0
30
35
40
45
50
55
60
65
70
75
80
85
90
fIN = 1.875MHz
IA
QA
Rx ADC SPURIOUS-FREE DYNAMIC RANGE
vs. SAMPLING FREQUENCY
SAMPLING FREQUENCY (MHz)
1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5
55
60
65
70
75
80
85
90
fIN = 1.875MHz
QA
IA
Rx ADC SIGNAL-TO-NOISE RATIO
vs. CLOCK DUTY CYCLE
CLOCK DUTY CYCLE (%)
35
40
45
50
55
60
65
52
53
54
55
56
57
58
fIN = 1.875MHz
QA
IA
Rx ADC SIGNAL-TO-NOISE AND DISTORTION
RATIO vs. CLOCK DUTY CYCLE
CLOCK DUTY CYCLE (%)
35
40
45
50
55
60
65
52
53
54
55
56
57
58
fIN = 1.875MHz
QA
IA
Rx ADC SIGNAL-TO-NOISE RATIO
vs. SAMPLING FREQUENCY
SAMPLING FREQUENCY (MHz)
1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5
52.0
52.5
53.0
53.5
54.0
54.5
55.0
55.5
56.0
56.5
57.0
fIN = 1.875MHz
QA
IA
Rx ADC SIGNAL-TO-NOISE AND DISTORTION
RATIO vs. SAMPLING FREQUENCY
SAMPLING FREQUENCY (MHz)
1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5
52.0
52.5
53.0
53.5
54.0
54.5
55.0
55.5
56.0
56.5
57.0
fIN = 1.875MHz
QA
IA
Rx ADC TOTAL HARMONIC DISTORTION
vs. SAMPLING FREQUENCY
SAMPLING FREQUENCY (MHz)
1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5
55
60
65
70
75
80
85
fIN = 1.875MHz
QA
IA


Similar Part No. - MAX19710

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19710 MAXIM-MAX19710 Datasheet
685Kb / 21P
   Low-Voltage and Low-Power Operation
Rev 1; 6/07
MAX19710EVCMODU++ MAXIM-MAX19710EVCMODU+ Datasheet
685Kb / 21P
   Low-Voltage and Low-Power Operation
Rev 1; 6/07
MAX19710EVKIT MAXIM-MAX19710EVKIT Datasheet
685Kb / 21P
   Low-Voltage and Low-Power Operation
Rev 1; 6/07
MAX19710EVKIT++ MAXIM-MAX19710EVKIT+ Datasheet
685Kb / 21P
   Low-Voltage and Low-Power Operation
Rev 1; 6/07
More results

Similar Description - MAX19710

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19711 MAXIM-MAX19711 Datasheet
957Kb / 36P
   10-Bit, 11Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19713 MAXIM-MAX19713 Datasheet
879Kb / 37P
   10-Bit, 45Msps, Full-Duplex Analog Front-End
Rev 1; 9/06
MAX19712 MAXIM-MAX19712 Datasheet
770Kb / 36P
   10-Bit, 22Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
logo
National Semiconductor ...
TP5510 NSC-TP5510 Datasheet
197Kb / 12P
   Full Duplex Analog Front End for Consumer Applications
logo
Maxim Integrated Produc...
MAX5863 MAXIM-MAX5863 Datasheet
1Mb / 26P
   Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
19-2914; Rev 1; 10/03
logo
Texas Instruments
LM9810 TI1-LM9810 Datasheet
290Kb / 22P
[Old version datasheet]   10/12-Bit Image Sensor Processor Analog Front End
logo
Maxim Integrated Produc...
MAX19707 MAXIM-MAX19707 Datasheet
541Kb / 37P
   10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com