Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9975AZCCQ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9975AZCCQ
Description  Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9975AZCCQ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9975AZCCQ Datasheet HTML 2Page - Maxim Integrated Products MAX9975AZCCQ Datasheet HTML 3Page - Maxim Integrated Products MAX9975AZCCQ Datasheet HTML 4Page - Maxim Integrated Products MAX9975AZCCQ Datasheet HTML 5Page - Maxim Integrated Products MAX9975AZCCQ Datasheet HTML 6Page - Maxim Integrated Products MAX9975AZCCQ Datasheet HTML 7Page - Maxim Integrated Products MAX9975AZCCQ Datasheet HTML 8Page - Maxim Integrated Products MAX9975AZCCQ Datasheet HTML 9Page - Maxim Integrated Products MAX9975AZCCQ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Dual, Low-Power, 1200Mbps ATE
Driver/Comparator with 35mA Load
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(MAX9975AR: VCC = +9.75V, VEE = -4.75V, VCPHV_ = +7.2V, VCPLV_ = -2.2V. MAX9975AZ: VCC = +10.25V, VEE = -4.25V, VCPHV_ = +7.7V,
VCPLV_ = -1.7V. VCCO_ = +1.8V, VLDH_ = VLDL_ = 0V, VGS = 0V, RHYS_ = open, TJ = +85°C, unless otherwise noted. All temperature coeffi-
cients are measured at TJ = +60°C to +100°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIMING CHARACTERISTICS (ZL = 50
Ω) (Note 15)
Prop Delay, Data to Output
tPDD
1.2
1.5
1.9
ns
Prop-Delay Match, tLH vs. tHL
3VP-P
±40
±100
ps
Prop-Delay Match, Drivers within
Package
(Note 16)
40
ps
Prop-Delay Temperature
Coefficient
+1.6
ps/°C
0.2VP-P, 40MHz, 0.6ns to 24.4ns pulse
width, relative to 12.5ns pulse width
±25
±50
1VP-P, 40MHz, 0.6ns to 24.4ns pulse width,
relative to 12.5ns pulse width
±25
±50
3VP-P, 40MHz, 0.9ns to 24.1ns pulse width,
relative to 12.5ns pulse width
±35
±60
Prop-Delay Change vs. Pulse
Width
5VP-P, ZL = 500
Ω, 40MHz, 1.4ns to 23.6ns
pulse width, relative to 12.5ns pulse width
±100
ps
MAX9975AR
VDHV_ - VDLV_ = 1V,
VDHV_ = 0 to 6V
50
75
Prop-Delay Change vs. Common-
Mode Voltage
MAX9975AZ
VDHV_ - VDLV_ = 1V,
VDHV_ = 0.5V to 6.5V
50
75
ps
Prop Delay, Drive to High
Impedance
tPDDZ
VDHV_ = 1.0V, VDLV_ = -1.0V,
VDTV_ = 0V
1.6
2.1
2.6
ns
Prop Delay, High Impedance to
Drive
tPDZD
VDHV_ = 1.0V, VDLV_ = -1.0V,
VDTV_ = 0V
2.6
3.2
3.9
ns
Prop-Delay Match, tPDDZ vs. tPDZD
-1.5
-1.1
-0.7
ns
Prop-Delay Match, tPDDZ vs. tLH
0.2
0.6
1.0
ns
Prop Delay, Drive to Term
tPDDT
VDHV_ = 3V, VDLV_ = 0V, VDTV_ = 1.5V
1.3
1.8
2.3
ns
Prop Delay, Term to Drive
tPDTD
VDHV_ = 3V, VDLV_ = 0V, VDTV_ = 1.5V
1.6
2.1
2.7
ns
Prop-Delay Match, tPDDT vs. tPDTD
-0.7
-0.3
+0.1
ns
Prop-Delay Match, tPDDT vs. tLH
-0.1
+0.3
+0.7
ns
DYNAMIC PERFORMANCE (ZL = 50
Ω)
0.2VP-P, 10% to 90%
300
350
400
1VP-P, 10% to 90%
330
390
450
2VP-P
430
500
570
3VP-P, 10% to 90%
500
650
750
Rise and Fall Time
tR, tF
5VP-P, ZL = 500
Ω, 10% to 90%
800
1000
1200
ps
Rise and Fall Time Match
tR vs. tF
3VP-P, 10% to 90%
±50
ps


Similar Part No. - MAX9975AZCCQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX997 MAXIM-MAX997 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX997 MAXIM-MAX997 Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
MAX997 MAXIM-MAX997 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
MAX9972 MAXIM-MAX9972 Datasheet
426Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 1; 7/09
MAX9972 MAXIM-MAX9972 Datasheet
431Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
Rev 6; 3/11
More results

Similar Description - MAX9975AZCCQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9969 MAXIM-MAX9969 Datasheet
688Kb / 31P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 8/04
MAX9967 MAXIM-MAX9967 Datasheet
664Kb / 30P
   Dual, Low-Power, 500Mbps ATE Driver/Comparator with 35mA Load
Rev 1; 2/05
MAX9977 MAXIM-MAX9977 Datasheet
1Mb / 17P
   Quad, Low-Power, 1200Mbps ATE Driver
Rev 0; 7/05
MAX9963 MAXIM-MAX9963 Datasheet
744Kb / 25P
   Quad, Low-Power, 500Mbps ATE Driver/Comparator
Rev 1; 1/04
MAX9973 MAXIM-MAX9973 Datasheet
382Kb / 26P
   Dual Driver/Comparator/Load with Internal DACs
Rev 0; 1/07
logo
KODENSHI_AUK CORP.
SN393 KODENSHI-SN393 Datasheet
474Kb / 8P
   Low Power Dual Comparator
logo
Semtech Corporation
EDGE7725 SEMTECH-EDGE7725 Datasheet
681Kb / 39P
   900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
STMicroelectronics
LM2903YDT STMICROELECTRONICS-LM2903YDT Datasheet
796Kb / 18P
   Low-power dual voltage comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com