Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9742 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9742
Description  Single-/Dual-Supply, Stereo 16W, Class D Amplifier with Differential Inputs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9742 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9742 Datasheet HTML 5Page - Maxim Integrated Products MAX9742 Datasheet HTML 6Page - Maxim Integrated Products MAX9742 Datasheet HTML 7Page - Maxim Integrated Products MAX9742 Datasheet HTML 8Page - Maxim Integrated Products MAX9742 Datasheet HTML 9Page - Maxim Integrated Products MAX9742 Datasheet HTML 10Page - Maxim Integrated Products MAX9742 Datasheet HTML 11Page - Maxim Integrated Products MAX9742 Datasheet HTML 12Page - Maxim Integrated Products MAX9742 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Single-/Dual-Supply, Stereo 16W,
Class D Amplifier with Differential Inputs
_______________________________________________________________________________________
9
EFFICIENCY AND POWER
DISSIPATION vs. OUTPUT POWER
MAX9742 toc26
OUTPUT POWER (W)
10
20
30
40
90
80
70
60
50
40
30
20
10
100
0
8
6
4
2
1
9
7
5
3
10
0
050
SYSTEM POWER
DISSIPATION
EFFICIENCY
BTL CONFIGURATION
VDD = 24V
RL = 8Ω
fIN = 1kHz
OUTPUT POWER
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
±14
±12
15
20
25
30
0
10
5
±10
±20
±18
±16
DUAL SUPPLY
RL = 8Ω
10% THD+N
1% THD+N
OUTPUT POWER
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
±14
±12
15
20
25
0
10
5
±10
±20
±18
±16
DUAL SUPPLY
RL = 4Ω
10% THD+N
1% THD+N
OUTPUT POWER
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
30
25
20
25
30
0
15
10
5
20
40
35
SINGLE SUPPLY
RL = 8Ω
10% THD+N
1% THD+N
OUTPUT POWER
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
30
25
20
25
30
0
15
10
5
20
40
35
SINGLE SUPPLY
RL = 4Ω
10% THD+N
1% THD+N
OUTPUT POWER
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
26
22
40
45
0
30
20
10
35
25
15
5
20
30
28
24
BTL CONFIGURATION
RL = 8Ω
10% THD+N
1% THD+N
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
±16
±12
15
20
-20
5
-5
-15
10
0
-10
±10
±20
±18
±14
DUAL SUPPLY
OUTPUT FILTER REMOVED
NO LOAD CONNECTED
VDD = |VSS|
ISS
IDD
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
35
25
17
18
12
15
13
16
14
20
40
30
SINGLE SUPPLY
OUTPUT FILTER REMOVED
INPUTS GROUNDED
NO LOAD CONNECTED
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
±14
0
10
-60
-20
-40
-10
-30
-50
±10
±22
±18
±20
±12
±16
DUAL SUPPLY
VDD = |VSS|
OUTPUT FILTER REMOVED
INPUTS GROUNDED
NO LOAD CONNECTED
ISS
IDD
Typical Operating Characteristics (continued)
(24V single-supply mode, ±15V dual-supply mode, both channels driven in phase, THD+N measurement bandwidth = 22Hz to
22kHz, TA = +25°C, unless otherwise noted. See Figure 1 for test circuits, see Typical Application Circuits/Functional Diagrams for
test circuit component values.)


Similar Part No. - MAX9742

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
   12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
MAX9741 MAXIM-MAX9741 Datasheet
1Mb / 16P
   12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
19-3887; Rev 0; 2/06
MAX9741ETN MAXIM-MAX9741ETN Datasheet
43Kb / 1P
   12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
MAX9741ETN++ MAXIM-MAX9741ETN+ Datasheet
1Mb / 16P
   12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
19-3887; Rev 0; 2/06
MAX9741 MAXIM-MAX9741_V01 Datasheet
1Mb / 16P
   12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
19-3887; Rev 0; 2/06
More results

Similar Description - MAX9742

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8615 PAM-PAM8615 Datasheet
438Kb / 13P
   16W/32W Stereo Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8615 DIODES-PAM8615 Datasheet
534Kb / 14P
   16W/ 32W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Princeton Technology Co...
PT2812 PTC-PT2812 Datasheet
210Kb / 5P
   3W Stereo Class-D Amplifier with 3 Inputs and Volume
logo
Anpec Electronics Corop...
APA2060 ANPEC-APA2060 Datasheet
594Kb / 30P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
logo
Monolithic Power System...
MP7748 MPS-MP7748 Datasheet
823Kb / 19P
   2x20W Stereo Single Ended Class D Audio Amplifier
EV7722DF-00C MPS-EV7722DF-00C Datasheet
526Kb / 8P
   20W Stereo Class D Single Ended Audio Amplifier
logo
TECHCODE SEMICONDUCTOR,...
TD9772A TECHCODE-TD9772A Datasheet
787Kb / 12P
   4 Inputs Selectable Stereo Class-AB Audio Amplifier
logo
Monolithic Power System...
EV0030 MPS-EV0030 Datasheet
519Kb / 6P
   20W Stereo Class D Single Ended Audio Amplifier
EV7740DN-01B MPS-EV7740DN-01B Datasheet
279Kb / 5P
   15W Stereo Class D Single Ended Audio Amplifier
logo
Maxim Integrated Produc...
MAX98306_1108 MAXIM-MAX98306_1108 Datasheet
2Mb / 14P
   Stereo 3.7W Class D Amplifier
Rev 1; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com