Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4821CS Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # ML4821CS
Description  Power Factor Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4821CS Datasheet(HTML) 3 Page - Fairchild Semiconductor

  ML4821CS Datasheet HTML 1Page - Fairchild Semiconductor ML4821CS Datasheet HTML 2Page - Fairchild Semiconductor ML4821CS Datasheet HTML 3Page - Fairchild Semiconductor ML4821CS Datasheet HTML 4Page - Fairchild Semiconductor ML4821CS Datasheet HTML 5Page - Fairchild Semiconductor ML4821CS Datasheet HTML 6Page - Fairchild Semiconductor ML4821CS Datasheet HTML 7Page - Fairchild Semiconductor ML4821CS Datasheet HTML 8Page - Fairchild Semiconductor ML4821CS Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PRODUCT SPECIFICATION
ML4821
REV. 1.0.2 6/19/01
3
Absolute maximum ratings
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum
ratings are stress ratings only and functional device operation is not implied.
Operating Conditions
Parameter
Min
Max
Units
Supply Current (ICC)
35
mA
OUT Current, Source or Sink
1.0
A
Output Energy (capacitive load per cycle)
5
µJ
ISINE Input Current
1.2
mA
EA OUT Source Current
50
mA
Oscillator Charge Current
2
mA
Input Voltage
GND –0.3V
5.5
V
Junction Temperature
150
°C
Storage Temperature Range
–65
150
°C
Lead Temperature (Soldering 10 sec.)
260
°C
Thermal Resistance (
θJA)
Plastic DIP
Plastic SOIC
75
95
°C/W
°C/W
Temperature Range
Min
Max
Units
ML4821CX
0
70
°C
Electrical Characteristics
Unless otherwise specified, RT = 6.2k
Ω, CT = 720pF, TA = Operating Temperature Range, VCC = 15V (Notes 1 & 2).
Parameter
Conditions
Min.
Typ.
Max.
Units
Oscillator
Initial accuracy
TA = 25°C
90
100
110
kHz
Voltage stability
12V < VCC < 18V
1
%
Temperature stability
2
%
Total Variation
Line, Temperature
85
115
kHz
Ramp Valley to Peak
4.7
5.2
5.6
V
RT Voltage
4.8
5.0
5.2
V
Discharge Current
CT= 2V, RT = Open
7.8
8.4
9.3
mA
SYNC Input Threshold
1.5
2.0
3.0
V
Reference
Output Voltage
TA = 25°C, IO = 1mA
4.95
5.00
5.05
V
Line regulation
12V < VCC < 24V
2
10
mV
Load regulation
1mA < IO < 20mA
2
15
mV
Temperature stability
.4
%
Total Variation
line, load, temp
4.9
5.1
V
Output Noise Voltage
10Hz to 10kHz
50
µV
Long Term Stability
TA = 125°C, 1000 hrs
5
25
mV
Short Circuit Current
VREF = 0V
–30
–85
–180
mA


Similar Part No. - ML4821CS

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4821CS MICRO-LINEAR-ML4821CS Datasheet
177Kb / 12P
   Power Factor Controller
More results

Similar Description - ML4821CS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
   Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
   POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
   Power Factor Controller
logo
Fairchild Semiconductor
ML4812 FAIRCHILD-ML4812 Datasheet
348Kb / 16P
   Power Factor Controller
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com