Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4824CP-1 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # ML4824CP-1
Description  Power Factor Correction and PWM Controller Combo
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4824CP-1 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button ML4824CP-1 Datasheet HTML 6Page - Fairchild Semiconductor ML4824CP-1 Datasheet HTML 7Page - Fairchild Semiconductor ML4824CP-1 Datasheet HTML 8Page - Fairchild Semiconductor ML4824CP-1 Datasheet HTML 9Page - Fairchild Semiconductor ML4824CP-1 Datasheet HTML 10Page - Fairchild Semiconductor ML4824CP-1 Datasheet HTML 11Page - Fairchild Semiconductor ML4824CP-1 Datasheet HTML 12Page - Fairchild Semiconductor ML4824CP-1 Datasheet HTML 13Page - Fairchild Semiconductor ML4824CP-1 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ML4824
10
REV. 1.01 12/7/2000
FUNCTIONAL DESCRIPTION (Continued)
No voltage error amplifier is included in the PWM stage
of the ML4824, as this function is generally performed on
the output side of the PWM’s isolation boundary. To
facilitate the design of optocoupler feedback circuitry, an
offset has been built into the PWM’s RAMP 2 input which
allows VDC to command a zero percent duty cycle for
input voltages below 1.25V.
PWM Current Limit
The DC ILIMIT pin is a direct input to the cycle-by-cycle
current limiter for the PWM section. Should the input
voltage at this pin ever exceed 1V, the output of the PWM
will be disabled until the output flip-flop is reset by the
clock pulse at the start of the next PWM power cycle.
VIN OK Comparator
The VIN OK comparator monitors the DC output of the PFC
and inhibits the PWM if this voltage on VFB is less than its
nominal 2.5V. Once this voltage reaches 2.5V, which
corresponds to the PFC output capacitor being charged to
its rated boost voltage, the soft-start begins.
PWM Control (RAMP 2)
When the PWM section is used in current mode, RAMP 2
is generally used as the sampling point for a voltage
representing the current in the primary of the PWM’s
output transformer, derived either by a current sensing
resistor or a current transformer. In voltage mode, it is the
input for a ramp voltage generated by a second set of
timing components (RRAMP2, CRAMP2), which will have a
minimum value of zero volts and should have a peak
value of approximately 5V. In voltage mode operation,
feedforward from the PFC output buss is an excellent way
to derive the timing ramp for the PWM stage.
Soft Start
Start-up of the PWM is controlled by the selection of the
external capacitor at SS. A current source of 50µA supplies
the charging current for the capacitor, and start-up of the
PWM begins at 1.25V. Start-up delay can be programmed
by the following equation:
Ct
A
V
SS
DELAY
50
125
µ
.
(6)
where CSS is the required soft start capacitance, and
tDELAY is the desired start-up delay.
It is important that the time constant of the PWM soft-start
allow the PFC time to generate sufficient output power for
the PWM section. The PWM start-up delay should be at
least 5ms.
Solving for the minimum value of CSS:
Cms
A
V
nF
SS
=
5
50
125
200
µ
.
Caution should be exercised when using this minimum
soft start capacitance value because premature charging
of the SS capacitor and activation of the PWM section
can result if VFB is in the hysteresis band of the VIN OK
comparator at start-up. The magnitude of VFB at start-up is
related both to line voltage and nominal PFC output
voltage. Typically, a 1.0
µF soft start capacitor will allow
time for VFB and PFC out to reach their nominal values
prior to activation of the PWM section at line voltages
between 90Vrms and 265Vrms.
Generating VCC
The ML4824 is a current-fed part. It has an internal shunt
voltage regulator, which is designed to regulate the voltage
internal to the part at 13.5V. This allows a low power
dissipation while at the same time delivering 10V of gate
drive at the PWM OUT and PFC OUT outputs. It is
important to limit the current through the part to avoid
overheating or destroying it. This can be easily done with a
single resistor in series with the Vcc pin, returned to a bias
supply of typically 18V to 20V. The resistor’s value must be
chosen to meet the operating current requirement of the
ML4824 itself (19mA max) plus the current required by the
two gate driver outputs.
EXAMPLE:
With a VBIAS of 20V, a VCC limit of 14.6V (max) and the
ML4824 driving a total gate charge of 110nC at 100kHz
(e.g., 1 IRF840 MOSFET and 2 IRF830 MOSFETs), the gate
driver current required is:
IkHz
nC
mA
GATEDRIVE
=
100
100
11
(7)
R
VV
mA
mA
BIAS =
+
=
20
14 6
19
11
180
.
(8)
To check the maximum dissipation in the ML4824, find
the current at the minimum VCC (12.4V):
I
VV
mA
CC =
=
20
12 4
180
42 2
.
.
(9)
The maximum allowable ICC is 55mA, so this is an
acceptable design.
The ML4824 should be locally bypassed with a 10nF and
a 1
µF ceramic capacitor. In most applications, an
electrolytic capacitor of between 100
µF and 330µF is also
required across the part, both for filtering and as part of
the start-up bootstrap circuitry.


Similar Part No. - ML4824CP-1

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4824CP-1 MICRO-LINEAR-ML4824CP-1 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
More results

Similar Description - ML4824CP-1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4804 FAIRCHILD-ML4804 Datasheet
145Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4824CS2X FAIRCHILD-ML4824CS2X Datasheet
109Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com