Selected language     English  ▼


H-1201 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part No. H-1201
Description  PDB241-GTR Series - 24 mm Guitar Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOURNS [Bourns Electronic Solutions]
Homepage  http://www.bourns.com
Logo 

   
 1 page
background image
8.0
(.315)
3/8”-32UNF
1.4
(.055)
3.0
(.118)
3/8”-32UNF
2.0
(.079)
9.7
(.382)
DIA.
DIA.
WASHER
PLAIN
SHAFT
18 TEETH
KNURLED
SHAFT
NUT
14.0
(.551)
3.6
(.142)
2.5
(.098)
16.0
(.630)
6.35
(.250)
DIA.
6.00
(.236)
DIA.
1.0
(.039)
24.0
(.945)
DIA.
9.5
(.374)
11.5
(.453)
19.0
(.748)
6.0
(.236)
30 °
FULL CCW
20.0
(.787)
6.7
(.264)
6.7
(.264)
UNDER
=
10.0
(.394)
TOLERANCES:
PINOUT FOR “A” AND “B” TAPERS
±0.3
(±.012)
=
10.0 ~ 100
(.394 ~ 3.937)
±0.5
(±.020)
1
2
3
PINOUT FOR “C” TAPER
3
2
1
8.0
(.315)
3/8”-32UNF
PLAIN
SHAFT
(LONG)
18 TEETH
KNURLED
SHAFT
(LONG)
6.35
(.250)
DIA.
6.00
(.236)
DIA.
1.0
(.039)
24.0
(.945)
DIA.
19.0
(.748)
11.5
(.453)
27.5
(1.083)
6.0
(.236)
Features
Low torque
Carbon element
Plain or knurled shaft option
Metal bushing
Metal shaft
Rear solder lugs
Audio or linear taper options
Variety of resistance values
RoHS compliant*
PDB241-GTR Series - 24 mm Guitar Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Taper........................................Audio, linear
Standard Resistance
.....................................10K to 1M ohms
Standard Resistance Tolerance.........±20 %
Environmental Characteristics
Operating Temperature
.................................... -10 °C to +70 °C
Power Rating ................................ 0.25 watt
Maximum Operating Voltage ............. 250 V
Rotational Noise .....................150 mV max.
Mechanical Characteristics
Mechanical Angle ........................ 300 ° ±5 °
Rotational Torque ..................10 to 45 g-cm
Stop Strength.......................... 8 kg-cm min.
Rotational Life................ 15,000 cycles min.
Soldering Condition
Manual Soldering
........................ 300 °C within 3 seconds
Wave Soldering
........................ 260 °C within 3 seconds
Hardware ................... Two flat washers and
two mounting nuts supplied
per potentiometer
Derating Curve
Ambient Temperature (°C)
20
40 50 60 70
80 90 100
30
10
0
20
33
40
60
80
100
0
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
10,000
103
25,000
253
50,000
503
100,000
104
250,000
254
300,000
304
500,000
504
1,000,000
105
Circuit
How To Order
PDB24 1 - GTR 01 - 504 A2
Model
Number of Units
1 = Single
Guitar Pot Designator
Configuration
1 = Knurled Shaft / Solder Lugs
2 = Plain Shaft / Solder Lugs
3 = Knurled Shaft (Long) / Solder Lugs
4 = Plain Shaft (Long) / Solder Lugs
Resistance Code (See Table)
Resistance Taper (See Taper Charts)
1
2
3




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl