Selected language     English  ▼


H-1201 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part No. H-1201
Description  PDB241-GTR Series - 24 mm Guitar Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOURNS [Bourns Electronic Solutions]
Homepage  http://www.bourns.com
Logo 

   
 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PDB241-GTR Series - 24 mm Guitar Potentiometer
Taper Charts
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
A2 Taper
Rotational Travel (%)
Other tapers available.
REV. 1
2/11
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
B0 Taper
Rotational Travel (%)
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
C2 Taper
Rotational Travel (%)




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl