Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7743J-1-010 Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # 7743J-1-010
Description  BOURNS OFFERS OVER 35 ASSORTED KITS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

7743J-1-010 Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  7743J-1-010 Datasheet HTML 1Page - Bourns Electronic Solutions 7743J-1-010 Datasheet HTML 2Page - Bourns Electronic Solutions 7743J-1-010 Datasheet HTML 3Page - Bourns Electronic Solutions 7743J-1-010 Datasheet HTML 4Page - Bourns Electronic Solutions 7743J-1-010 Datasheet HTML 5Page - Bourns Electronic Solutions 7743J-1-010 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Kit
Size
L Range
Values
Quantity
E - Series
Part Number
Per Value
Total
CM453232-LAB1
4.5mm
0.1µH to 1000µH
25
10
250
E6
CM322522-LAB1
3.2mm
0.1µH to 220µH
21
10
210
E6
CM252016-LAB1
2.5mm
10nH to 100µH
25
20
500
E6
CM201212-LAB1
2.0mm
3.9nH to 1.0µH
18
30
540
E6 (except 3.9nH to 10nH: E12)
CM160808-LAB1
1.6mm
1.5nH to 100nH
18
30
540
E12 (except 22nH to 100nH: E6)
C
I160808-LAB1
1.6mm
1.0nH to 220nH
18
20
360
E12/E6
C
I100505-LAB1
1.0mm
1.0nH to 100µH
18
40
540
E12/E6
DESIGN
KITS
Chip Inductors
Europe: Bourns AG, Phone +41-(0)41-768 55 55, Fax +41-(0)41-768 55 10
North America: Bourns, Inc., Phone 909-781-5500, Fax 909-781-5006
Asia-Pacific: Bourns Asia Pacific, Inc., Phone +886- (0)2 25624117, Fax +886- (0)2 2562-4116
www.bourns.com
“Multifuse” and “Trimpot” are registered trademarks of Bourns, Inc.
“Leading by Design” is a trademark of Bourns, Inc.
COPYRIGHT© 1999, BOURNS, INC. LITHO IN U.S.A. LW 3/01 10M/K9018 REV
Kit Contains
Part Numbers
Quantity
70AAJ-6-M0
5
70AAJ-6-F0
5
70AAJ-4-M0
5
70AAJ-4-F0
5
70AAJ-3-M0
5
70AAJ-3-F0
5
70AAJ-2-M0
5
70AAJ-2-F0
5
DESIGN
KIT
Kit No. H-843
Mini-Modular Contacts
Kit Contains
Part Numbers
Quantity
70ADJ-5-ML1
2
70ADJ-5-FL1
2
70ADJ-3-ML0
2
70ADJ-3-FL0
2
70ADH-2-ML0
2
70ADH-2-FL0
2
DESIGN
KIT
Kit No. H-839
Modular Contacts
Lockwashers and hex nuts for all
Kit Contains
Part Numbers
Quantity
3315Y-001-006
5
3315C-001-006
5
3315Y-001-016
5
3375Y-001-006
6
DESIGN
KIT
Kit No. H-832
Miniature Encoders
Kit Contains
Part Numbers
Quantity
3048L-2-103
3
3048L-5-203
3
3046L-1-103
3
3046L-3-203
3
DESIGN
KIT
Kit No. H-848
Linear Motion Potentiometers
Seven Kits Available
- A V AILABLE 4Q 2000 -


Similar Part No. - 7743J-1-010

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
7743-000-00701N WINCHESTER-7743-000-00701N Datasheet
141Kb / 1P
   JACKFIELD, SINGLE VIDEO, ST
More results

Similar Description - 7743J-1-010

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
H-1203 BOURNS-H-1203 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
CR00201-FW-8252ELF BOURNS-CR00201-FW-8252ELF Datasheet
312Kb / 8P
   Bourns Chip Resistors and Arrays
ESD1204 BOURNS-ESD1204 Datasheet
122Kb / 1P
   Bourns Releases New Power TVS (PTVS) Products
3296 BOURNS-3296 Datasheet
121Kb / 2P
   3296 - 3/8 ??Square Trimming Potentiometer - Bourns
logo
Maxim Integrated Produc...
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
logo
VIA Technologies, Inc.
ENT-610M VIA-ENT-610M Datasheet
438Kb / 2P
   Starter Kits
logo
Maxim Integrated Produc...
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
   Evaluation Kits
Rev 1; 5/01
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
   Evaluation Kits
Rev 0; 7/04
logo
Coilcraft lnc.
C422 COILCRAFT-C422 Datasheet
237Kb / 4P
   Designers Kits
logo
SparkFun Electronics
COM-14977 SPARKFUN-COM-14977 Datasheet
245Kb / 2P
   LED - Assorted with Resistor 5mm (20 pack)
10-29-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com