Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT2200.3SD Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # MCT2200.3SD
Description  PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT2200.3SD Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button MCT2200.3SD Datasheet HTML 5Page - Fairchild Semiconductor MCT2200.3SD Datasheet HTML 6Page - Fairchild Semiconductor MCT2200.3SD Datasheet HTML 7Page - Fairchild Semiconductor MCT2200.3SD Datasheet HTML 8Page - Fairchild Semiconductor MCT2200.3SD Datasheet HTML 9Page - Fairchild Semiconductor MCT2200.3SD Datasheet HTML 10Page - Fairchild Semiconductor MCT2200.3SD Datasheet HTML 11Page - Fairchild Semiconductor MCT2200.3SD Datasheet HTML 12Page - Fairchild Semiconductor MCT2200.3SD Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
6/15/05
Page 9 of 15
© 2005 Fairchild Semiconductor Corporation
MCT2
MCT2E
MCT210
MCT271
MCT2200
MCT2201
MCT2202
PHOTOTRANSISTOR OPTOCOUPLERS
Fig. 19 Dark Current vs. Ambient Temperature
TA - AMBIENT TEMPERATURE (°C)
020
40
6080
100
0.001
0.01
0.1
1
10
100
1000
10000
VCE = 10 V
TA = 25°C
OUTPUT PULSE
INPUT PULSE
TEST CIRCUIT
WAVE FORMS
tr
tf
INPUT
IF
RL
RBE
VCC = 10V
OUTPUT
ton
10%
90%
toff
Figure 20. Switching Time Test Circuit and Waveforms
IC
Adjust IF to produce IC = 2 mA
OUTPUT PULSE
INPUT PULSE
TEST CIRCUIT
WAVE FORMS
tr
tf
INPUT
IF
RL
RBE
VCC = 10V
OUTPUT
ton
10%
90%
toff
Figure 20. Switching Time Test Circuit and Waveforms
Figure 21. Switching Time Waveforms (MCT210)
IC
Adjust IF to produce IC = 2 mA
OUTPUT
(SATURATED)
INPUT
5 V
1.5 V
TPDHL
TPDLH
1.5 V
SAT


Similar Part No. - MCT2200.3SD

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
ISOCOM COMPONENTS
MCT2200 ISOCOM-MCT2200 Datasheet
54Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT2200 ISOCOM-MCT2200 Datasheet
630Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT2200X ISOCOM-MCT2200X Datasheet
54Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT2200X ISOCOM-MCT2200X Datasheet
630Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results

Similar Description - MCT2200.3SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com